Electronic Components Datasheet Search
  English  ▼

X  

LTC3351 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC3351
Description  Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3351 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC3351 Datasheet HTML 36Page - Linear Technology LTC3351 Datasheet HTML 37Page - Linear Technology LTC3351 Datasheet HTML 38Page - Linear Technology LTC3351 Datasheet HTML 39Page - Linear Technology LTC3351 Datasheet HTML 40Page - Linear Technology LTC3351 Datasheet HTML 41Page - Linear Technology LTC3351 Datasheet HTML 42Page - Linear Technology LTC3351 Datasheet HTML 43Page - Linear Technology LTC3351 Datasheet HTML 44Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
LTC3351
40
3351f
For more information www.linear.com/LTC3351
APPLICATIONS INFORMATION
instantaneous drop in voltage due to the high frequency
ESR and a slower settling back to the original voltage
due to the “DC” ESR. The following figure illustrates this.
Figure 15.
VCAP
ICAP
REAL
ESR ONLY
MODEL
3351 F15
t
t
This results in an ESR measurement dependent on the
frequencyatwhichitismeasured.Thereisahighfrequency
ESR and a larger “DC” ESR. In energy storage applica-
tions where the capacitors will supply a sustained load,
the “DC” ESR limits the deliverable power. Supercapacitor
manufacturers have various methods for measuring ESR.
Even when specifying a “DC” ESR, the measurement is
often done at a frequency significantly higher than “DC”,
often near 100Hz, thereby reporting an intermediate
frequency ESR.
ESR Measurement Timing Adjustments
The LTC3351 default ESR measurement timing is set to
measure between the DC and high frequency ESR, closer
to the high frequency ESR for a wide variety of superca-
pacitors. The timing can be adjusted to measure closer to
the DC ESR, however this must done empirically based on
the exact switching controller configuration and capaci-
tors used. Values appropriate for some capacitors would
result in failed measurements for others and there are
no meaningful defaults preprogrammed in the LTC3351.
Using an DC coupled oscilloscope with a precision offset,
observe the supercapacitor stack voltage (VCAP) during
the ESR test. AC coupling will not work as the signal
time scales are too long to cross the oscilloscope’s AC
coupling high pass filter without distortion. Set the oscil-
loscope to trigger on SMBALERT falling and enabling the
mon_meas_activealertusingthemask_mon_meas_active
bit. Then set the ctl_start_cap_esr_meas to start the ESR
measurement. The SMBAlert will need to be cleared each
time to re-trigger the oscilloscope. Alternatively, a current
probe can be used to trigger on input current, since the
input current will be high during the ESR test.
The esr_i_override setting is available to prevent the
automatic adjustment of the ESR test current. The au-
tomatically selected ESR test current is available in the
next_esr_iregister.Afterseveralmeasurementshavebeen
completed, next_esr_i may be used as a starting point to
manually set esr_i_override. While adjusting the timing
of the ESR measurement, either set esr_i_override so the
test current won’t change between successive measure-
ments or do each measurement twice for each setting and
ignore the first result.
Referring to Figure 4, using the oscilloscope you can now
see the effects of esr_i_on_settling and esr_i_off_settling
on the captured waveform. Begin by adjusting esr_i_off_
settling so that VCAP is no longer decreasing significantly
after esr_i_off_settling time. This time will likely be sig-
nificantly longer than the default time.
The esr_i_on_settling time is a little more complicated
to adjust as the capacitors are being charged during this
time. If the esr_i_on_settling time is too short, the internal
chemistry of the supercapacitor will not have settled and
the ESR measured will be closer to the high frequency
ESR than the DC ESR. If esr_i_on_settling is too long
and esr_i_override is not set, then charge current will be
automatically adjusted downward, resulting in reduced
signal for the ESR measurement. If esr_i_on_settling is
too long while esr_i_override is set, the capacitors will
charge to constant voltage and charge current will fall,
corrupting the measurement. This can be observed in the
input current waveform. During an ESR test, it should not
decrease, it should turn off cleanly. The charge current can
also be observed by comparing esr_m1_i and esr_m2_i.
They should be about the same, esr_m2_i should not be
significantly less than esr_m1_i. If it is, esr_i_on_settling
is too long.
Ifesr_i_overrideisset,monitortheincreaseinstackvoltage
during the ESR test. Ideally it should be about the same
as the Δv in the capacitance test (as set by cap_delta_v_
setting). If the change in voltage during the ESR test is
less than in the capacitance test, esr_i_override can be
increased to maximize the signal available for ESR test. If



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com