Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8335
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8335 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8335 Datasheet HTML 5Page - Linear Technology LT8335 Datasheet HTML 6Page - Linear Technology LT8335 Datasheet HTML 7Page - Linear Technology LT8335 Datasheet HTML 8Page - Linear Technology LT8335 Datasheet HTML 9Page - Linear Technology LT8335 Datasheet HTML 10Page - Linear Technology LT8335 Datasheet HTML 11Page - Linear Technology LT8335 Datasheet HTML 12Page - Linear Technology LT8335 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT8335
9
8335f
For more information www.linear.com/LT8335
APPLICATIONS INFORMATION
While in Burst Mode operation, the current limit of the
switch is approximately 500mA, resulting in the output
voltage ripple shown in Figure 2. Increasing the output
capacitance will decrease the output ripple proportionally.
As the output load ramps upward from zero the switch-
ing frequency will increase but only up to the fixed 2MHz
defined by the internal oscillator as shown in Figure 1. The
output load at which the LT8335 reaches the fixed 2MHz
frequency varies based on input voltage, output voltage,
and inductor choice.
Figure 2. Burst Mode Operation
PROGRAMMING INPUT TURN-ON AND TURN-OFF
THRESHOLDS WITH EN/UVLO PIN
The EN/UVLO pin voltage controls whether the LT8335 is
enabled or is in a shutdown state. A 1.6V reference and a
comparatorA6withbuilt-inhysteresis(typical80mV)allow
the user to accurately program the system input voltage
at which the IC turns on and off (see the Block Diagram).
The typical input falling and rising threshold voltages can
be calculated by the following equations:
VIN(FALLING,UVLO(–)) =1.60•
R3+R4
R4
VIN(FALLING,UVLO(–)) =1.68•
R3+R4
R4
VIN current is reduced below 1µA when the EN/UVLO pin
voltage is less than 0.2V. The EN/UVLO pin can be con-
nected directly to the input supply VIN for always-enabled
operation. A logic input can also control the EN/UVLO pin.
When operating in Burst Mode operation for light load
currents, the current through the R3 and R4 network can
easily be greater than the supply current consumed by the
LT8335. Therefore, R3 and R4 should be large enough to
minimize their effect on efficiency at light loads.
INTVCC REGULATOR
A low dropout (LDO) linear regulator, supplied from VIN,
produces a 3V supply at the INTVCC pin. A minimum 1µF
low ESR ceramic capacitor must be used to bypass the
INTVCC pin to ground to supply the high transient currents
required by the internal power MOSFET gate driver.
No additional components or loading is allowed on this
pin. The INTVCC rising threshold (to allow soft start and
switching) is typically 2.6V. The INTVCC falling threshold
(to stop switching and reset soft start) is typically 2.5V.
DUTY CYCLE CONSIDERATION
The LT8335 minimum on-time, minimum off-time and
switching frequency (fOSC) define the allowable minimum
and maximum duty cycles of the converter (see Minimum
On-Time, Minimum Off-Time, and Switching Frequency
in the Electrical Characteristics table).
Minimum Allowable Duty Cycle =
Minimum On-Time(MAX) • fOSC(MAX)
Maximum Allowable Duty Cycle =
1 – Minimum Off-Time(MAX) • fOSC(MAX)
The required switch duty cycle range for a Boost converter
operating in continuous conduction mode (CCM) can be
calculated as:
DMIN =1–
VIN(MAX)
VOUT +VD
DMAX =1–
VIN(MIN)
VOUT +VD
where VD is the diode forward voltage drop. If the above
duty cycle calculations for a given application violate the
minimum and/or maximum allowed duty cycles for the
LT8335, operation in discontinuous conduction mode
(DCM) might provide a solution. For the same VIN and
VOUT levels, operation in DCM does not demand as low a
duty cycle as in CCM. DCM also allows higher duty cycle
operation than CCM. The additional advantage of DCM is
5µs/DIV
VOUT
10mV/DIV
IL
500mA/DIV
8335 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com