Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8335
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8335 Datasheet(HTML) 3 Page - Linear Technology

  LT8335 Datasheet HTML 1Page - Linear Technology LT8335 Datasheet HTML 2Page - Linear Technology LT8335 Datasheet HTML 3Page - Linear Technology LT8335 Datasheet HTML 4Page - Linear Technology LT8335 Datasheet HTML 5Page - Linear Technology LT8335 Datasheet HTML 6Page - Linear Technology LT8335 Datasheet HTML 7Page - Linear Technology LT8335 Datasheet HTML 8Page - Linear Technology LT8335 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT8335
3
8335f
For more information www.linear.com/LT8335
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, EN/UVLO = 12V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage Range
l
3
25
V
VIN Quiescent Current at Shutdown
VEN/UVLO = 0.2V
l
0.9
2
2
5
µA
µA
VEN/UVLO = 1.5V
l
2
3.6
5
9.5
µA
µA
VIN Quiescent Current
Sleep Mode, Not Switching
l
5.5
8.5
10
15
µA
µA
Active Mode, Not Switching
l
780
840
1100
1200
µA
µA
FBX Regulation
FBX Regulation Voltage
FBX > 0V
FBX < 0V
l
l
1.568
–0.820
1.6
–0.80
1.632
–0.780
V
V
FBX Line Regulation
FBX > 0V, 3V < VIN < 25V
FBX < 0V, 3V < VIN < 25V
0.005
0.005
0.015
0.015
%/V
%/V
FBX Pin Current
FBX = 1.6V, –0.8V
l
–10
10
nA
Oscillator
Switching Frequency (fOSC)
l
1.80
2.0
2.20
MHz
Minimum On-Time
74
115
ns
Minimum Off-Time
47
65
ns
Switch
Maximum Switch Current Limit Threshold
l
2.0
2.5
3.0
A
Switch RDS(ON)
ISW = 0.5A
170
mΩ
Switch Leakage Current
VSW = 28V
0.1
1
µA
EN/UVLO Logic
EN/UVLO Pin Threshold (Rising)
Start Switching
l
1.620
1.68
1.745
V
EN/UVLO Pin Threshold (Falling)
Stop Switching
l
1.556
1.60
1.644
V
EN/UVLO Pin Current
VEN/UVLO = 1.6V
l
–40
40
nA
Soft-Start
Soft-Start Time
1.2
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: INTVCC cannot be externally driven. No additional components or
loading is allowed on this pin.
Note 3: The LT8335E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8335I is guaranteed over the full –40°C to 125°C operating junction
temperature range. High junction temperatures degrade operating
lifetimes. Operating lifetime is derated at junction temperatures greater
than 125°C.
Note 4: The IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com