Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8335
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8335 Datasheet(HTML) 1 Page - Linear Technology

  LT8335 Datasheet HTML 1Page - Linear Technology LT8335 Datasheet HTML 2Page - Linear Technology LT8335 Datasheet HTML 3Page - Linear Technology LT8335 Datasheet HTML 4Page - Linear Technology LT8335 Datasheet HTML 5Page - Linear Technology LT8335 Datasheet HTML 6Page - Linear Technology LT8335 Datasheet HTML 7Page - Linear Technology LT8335 Datasheet HTML 8Page - Linear Technology LT8335 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT8335
1
8335f
For more information www.linear.com/LT8335
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low IQ Boost/SEPIC/
Inverting Converter
with 2A, 28V Switch
The LT®8335 is a current mode DC/DC converter capable
of generating either positive or negative output voltages
using a single feedback pin. It can be configured as a
boost, SEPIC or inverting converter consuming as low as
6µA of quiescent current. Low ripple Burst Mode opera-
tion maintains high efficiency down to very low output
currents while keeping the output ripple below 15mV in
a typical application. The internally compensated current
mode architecture results in stable operation over a wide
range of input and output voltages. Integrated soft-start
and frequency foldback functions are included to control
inductor current during start-up. The 2MHz operation
combined with the small 8-lead DFN package, enables
low cost, area efficient solutions.
3V to 6V Input, 12V Boost Converter
APPLICATIONS
n
3V to 25V Input Voltage Range
n
Ultralow Quiescent Current and Low Ripple Burst
Mode® Operation: IQ = 6µA
n
2A, 28V Power Switch
n
Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
Fixed 2MHz Switching Frequency
n
Programmable Undervoltage Lockout (UVLO)
n
Internal Compensation and Soft-Start
n
Low Profile (0.75mm) 8-Lead (3mm × 2mm) DFN
Package
n
Industrial and Automotive
n
Telecom
n
Medical Diagnostic Equipment
n
Portable Electronics
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
and ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
Efficiency and Power Loss
EFFICIENCY
POWER LOSS
VIN = 3V
VIN = 5V
VIN = 6V
LOAD CURRENT (mA)
0
100
200
300
400
500
600
0
10
20
30
40
50
60
70
80
90
100
0
200
400
600
800
1000
8335 TA01b
154k
4.7µF
1µF
VOUT
VIN
SW
FBX
GND
EN/UVLO
LT8335
VIN
3V TO 6V
12V
VCC
INT
1M
1.2µH
22µF
4.7pF
275mA AT VIN = 3V
440mA AT VIN = 5V
520mA AT VIN = 6V
8335 TA01


Similar Part No. - LT8335

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8335 AD-LT8335 Datasheet
1Mb / 20P
40V, 1.2A Micropower Synchronous Boost Converter with PassThru
LT8335 AD-LT8335 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8335 AD-LT8335 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8335 AD-LT8335 Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
More results

Similar Description - LT8335

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8364 LINER-LT8364 Datasheet
509Kb / 6P
Low IQ Boost/SEPIC/Inverting Regulator
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8334 AD-LT8334 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8365 AD-LT8365 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com