Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8335
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8335 Datasheet(HTML) 5 Page - Linear Technology

  LT8335 Datasheet HTML 1Page - Linear Technology LT8335 Datasheet HTML 2Page - Linear Technology LT8335 Datasheet HTML 3Page - Linear Technology LT8335 Datasheet HTML 4Page - Linear Technology LT8335 Datasheet HTML 5Page - Linear Technology LT8335 Datasheet HTML 6Page - Linear Technology LT8335 Datasheet HTML 7Page - Linear Technology LT8335 Datasheet HTML 8Page - Linear Technology LT8335 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT8335
5
8335f
For more information www.linear.com/LT8335
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
(in CCM)
Switching Waveforms
(in DCM/Light Burst Mode)
Switching Waveforms
(in Deep Burst Mode)
VOUT Transient Response: Load
Current Transients from 200mA to
440mA to 200mA
VIN Pin Current (Sleep Mode, Not
Switching) vs Temperature
VIN Pin Current (Active Mode, Not
Switching) vs Temperature
Burst Frequency vs Load Current
VOUT Transient Response: Load
Current Transients from 40mA to
440mA to 40mA
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
0
1.25
2.50
3.75
5.00
6.25
7.50
8.75
10.00
8335 G10
VIN = 12V
JUNCTION TEMPERATURE (°C)
–50 –25 0
25 50 75 100 125 150 175
600
650
700
750
800
850
900
950
1000
8335 G11
FRONT PAGE APPLICATION
VIN = 5V, VOUT = 12V
LOAD CURRENT (mA)
0
50
100
150
200
0
0.5
1.0
1.5
2.0
2.5
8335 G12
VIN = 5V, VOUT = 12V, ILOAD = 440mA
1µs/DIV
FRONT PAGE APPLICATION
VSW
5V/DIV
IL
500mA/DIV
8335 G13
VIN = 5V, VOUT = 12V, ILOAD = 100mA
1µs/DIV
FRONT PAGE APPLICATION
VSW
5V/DIV
8335 G14
IL
500mA/DIV
VIN = 5V, VOUT = 12V, ILOAD = 10mA
1µs/DIV
FRONT PAGE APPLICATION
VSW
5A/DIV
8335 G15
IL
500mA/DIV
Front Page Application: VIN = 5V, VOUT = 12V
100µs/DIV
VOUT
200mV/DIV
ILOAD
200mA/DIV
8335 G16
Front Page Application: VIN = 5V, VOUT = 12V
100µs/DIV
VOUT
200mV/DIV
ILOAD
200mA/DIV
8335 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com