Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8335
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8335 Datasheet(HTML) 2 Page - Linear Technology

  LT8335 Datasheet HTML 1Page - Linear Technology LT8335 Datasheet HTML 2Page - Linear Technology LT8335 Datasheet HTML 3Page - Linear Technology LT8335 Datasheet HTML 4Page - Linear Technology LT8335 Datasheet HTML 5Page - Linear Technology LT8335 Datasheet HTML 6Page - Linear Technology LT8335 Datasheet HTML 7Page - Linear Technology LT8335 Datasheet HTML 8Page - Linear Technology LT8335 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT8335
2
8335f
For more information www.linear.com/LT8335
ABSOLUTE MAXIMUM RATINGS
SW............................................................................28V
VIN, EN/UVLO............................................................25V
EN/UVLO Pin Above VIN Pin........................................6V
INTVCC (Note 2)..........................................................4V
FBX ...........................................................................±4V
Operating Junction Temperature (Note 3)
LT8335E, LT8335I ............................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8335EDDB#PBF
LT8335EDDB#TRPBF
LGVM
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
LT8335IDDB#PBF
LT8335IDDB#TRPBF
LGVM
8-Lead (3mm × 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
TOP VIEW
9
GND
DDB PACKAGE
8-LEAD (3mm × 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
FBX
NC
SW
SW
EN/UVLO
INTVCC
VIN
GND
θJA = 80.5°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
http://www.linear.com/product/LT8335#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com