Electronic Components Datasheet Search
  English  ▼

X  

LT8335 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8335
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8335 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8335 Datasheet HTML 10Page - Linear Technology LT8335 Datasheet HTML 11Page - Linear Technology LT8335 Datasheet HTML 12Page - Linear Technology LT8335 Datasheet HTML 13Page - Linear Technology LT8335 Datasheet HTML 14Page - Linear Technology LT8335 Datasheet HTML 15Page - Linear Technology LT8335 Datasheet HTML 16Page - Linear Technology LT8335 Datasheet HTML 17Page - Linear Technology LT8335 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT8335
14
8335f
For more information www.linear.com/LT8335
For the SEPIC topology, the current through L1 is the
converter input current. Based on the fact that, ideally, the
output power is equal to the input power, the maximum
average inductor currents of L1 and L2 are:
IL1(MAX)(AVE) =IIN(MAX)(AVE) =IO(MAX) •
DMAX
1−DMAX
IL2(MAX)(AVE) =IO(MAX)
In a SEPIC converter, the switch current is equal to IL1 +
IL2 when the power switch is on, therefore, the maximum
average switch current is defined as:
ISW(MAX)(AVE) =IL1(MAX)(AVE) +IL2(MAX)(AVE)
= IO(MAX) •
1
1−DMAX
and the peak switch current is:
ISW(PEAK) = 1+
χ
2
⎛
⎝
⎜
⎞
⎠
⎟ •IO(MAX) •
1
1−DMAX
The constant c in the preceding equations represents
the percentage peak-to-peak ripple current in the switch,
relative to ISW(MAX)(AVE), as shown in Figure 6. Then, the
switch ripple current ∆ISW can be calculated by:
∆ISW = c • ISW(MAX)(AVE)
It is recommended to have a ∆ISW of 600mA or more.
The inductor ripple currents ∆IL1 and ∆IL2 are identical:
∆IL1 = ∆IL2 = 0.5 • ∆ISW
The inductor ripple current has a direct effect on the
choice of the inductor value. Choosing smaller values of
∆IL requires large inductances and reduces the current
loop gain (the converter will approach voltage mode).
Accepting larger values of ∆IL allows the use of low in-
ductances, but results in higher input current ripple and
greater core losses. It is recommended that c falls in the
range of 0.2 to 0.6.
Due to the current limit of its internal power switch, the
LT8335 should be used in a SEPIC converter whose
maximum output current (IO(MAX)) is less than the output
current capability by a sufficient margin (10% or higher
is recommended):
IO(MAX) < (1 – DMAX) • (2A – 0.5 • ∆ISW) • (0.9)
Given an operating input voltage range, and having cho-
sen ripple current in the inductor, the inductor value (L1
and L2 are independent) of the SEPIC converter can be
determined using the following equation:
L1= L2 =
VIN(MIN)
0.5 • ΔISW • fOSC
•DMAX
For most SEPIC applications, the equal inductor values
will fall in the range of 1µH to 47µH.
BymakingL1=L2,andwindingthemonthesamecore,the
value of inductance in the preceding equation is replaced
by 2L, due to mutual inductance:
L =
VIN(MIN)
ΔISW • fOSC
•DMAX
This maintains the same ripple current and energy storage
in the inductors. The peak inductor currents are:
IL1(PEAK) = IL1(MAX) + 0.5 • ∆IL1
IL2(PEAK) = IL2(MAX) + 0.5 • ∆IL2
The maximum RMS inductor currents are approximately
equal to the maximum average inductor currents.
Based on the preceding equations, the user should choose
the inductors having sufficient saturation and RMS cur-
rent ratings.
APPLICATIONS INFORMATION
Figure 6. The Switch Current Waveform of the SEPIC Converter
8335 F06
ΔISW = χ • ISW(MAX)(AVE)
ISW
t
DTS
ISW(MAX)(AVE)
TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com