Electronic Components Datasheet Search
  English  ▼

X  

LTC3106 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3106
Description  300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3106 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3106 Datasheet HTML 9Page - Linear Technology LTC3106 Datasheet HTML 10Page - Linear Technology LTC3106 Datasheet HTML 11Page - Linear Technology LTC3106 Datasheet HTML 12Page - Linear Technology LTC3106 Datasheet HTML 13Page - Linear Technology LTC3106 Datasheet HTML 14Page - Linear Technology LTC3106 Datasheet HTML 15Page - Linear Technology LTC3106 Datasheet HTML 16Page - Linear Technology LTC3106 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC3106
13
3106f
For more information www.linear.com/LTC3106
Simplified Operational Flow Chart Using Accurate RUN with Primary Battery Backup
operaTion
3106 SD01
VBEST* > 1.5V (MAX)
VIN > VIN START-UP VOLTAGE
(0.85V TYP)
ENVSTR > 0.8V AND/OR
RUN > ENABLE THRESHOLD (0.4V TYP)
ENVSTR = VSTORE = VCAP
RUN = VIN OR EXTERNAL DIVIDER TAP
PRI = HI
VAUX > VAUX THRESHOLD
VOUT > 1.2V (TYP)
* VBEST IS THE GREATER OF VAUX,
VIN, VSTORE, VOUT
** VIN(TURNON) = 0.6V • (1 +R1/R2)
SYNCHRONOUS
SWITCHING
VSTORE > VSTORE(MIN)
YES
YES
NO
VIN > ACC. RUN THRESHOLD
OR VIN > VIN(TURNON)**
ASYNCHRONOUS
START-UP
SHUTDOWN
NO
NO
1
START
COMPLETE/SLEEP
YES
YES
YES
NO
VAUX > 5.2V (TYP)
VOUT IN REGULATION
NO
YES
NO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com