Electronic Components Datasheet Search
  English  ▼

X  

LTC3106 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3106
Description  300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3106 Datasheet(HTML) 3 Page - Linear Technology

  LTC3106 Datasheet HTML 1Page - Linear Technology LTC3106 Datasheet HTML 2Page - Linear Technology LTC3106 Datasheet HTML 3Page - Linear Technology LTC3106 Datasheet HTML 4Page - Linear Technology LTC3106 Datasheet HTML 5Page - Linear Technology LTC3106 Datasheet HTML 6Page - Linear Technology LTC3106 Datasheet HTML 7Page - Linear Technology LTC3106 Datasheet HTML 8Page - Linear Technology LTC3106 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC3106
3
3106f
For more information www.linear.com/LTC3106
elecTrical characTerisTics The
l
denotesthespecificationswhichapplyoverthespecifiedjunction
temperaturerange,otherwisespecificationsareatTA=25°C(Note2).VIN=1.5V,VOUT=3.3V,VSTORE=3.6VandVAUXinregulationunless
otherwisenoted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Start-Up Voltage
Start-Up from VIN, VOUT = VAUX = VSTORE = 0V, RUN = VIN
l
0.85
1.2
V
VIN Maximum Operating Voltage
5.1
V
VIN Minimum Operating Voltage
VSTORE in Operating Voltage Limits, RUN > 0.613V,
ENVSTR Pin > 0.8V (Minimum Voltage Is Load Dependent)
l
0.25
0.3
0.35
V
VIN Minimum No-Load Start-Up Power
Start-Up from VIN, RUN = VIN, VOUT = VAUX = VSTORE = 0V
12
µW
VIN Undervoltage Quiescent Current
Start-Up from VIN, RUN = VIN, VOUT = VAUX = VSTORE = 0V
l
1
2
µA
Shutdown Current – VIN
VSTORE = 0V, RUN = 0
TJ = –40°C to 85°C (Note 4)
l
300
300
750
450
nA
nA
Quiescent Current – VIN
Switching Enabled, VOUT in Regulation, Non-Switching
l
0.1
1
µA
Switching Enabled, VOUT in Regulation, Non-Switching,
TJ = –40°C to 85°C (Note 4)
0.1
0.3
µA
VSTORE Maximum Operating Voltage
PRI = VCC, ENVSTR = VSTORE
l
4.3
V
VSTORE Minimum Operating Voltage
VOUT in Regulation, VCAP Shorted to VSTORE, PRI = VCC,
ENVSTR = VSTORE
2.1
V
VSTORE Under Voltage Lockout
PRI = VCC, ENVSTR = VSTORE
l
1.730
1.778
1.826
V
VSTORE Operating Voltage (Note 7)
SS1 = 0V, SS2 = 0V
OV
UV
l
l
3.90
2.70
4.00
2.78
4.10
2.86
V
V
SS1 = 0V, SS2 = VCC
OV
UV
l
l
2.81
1.85
2.90
1.90
2.99
1.95
V
V
SS1 = VCC, SS2 = 0V
OV
UV
l
l
2.91
2.08
3.00
2.15
3.08
2.21
V
V
SS1 = VCC, SS2 = VCC
OV
UV
l
l
3.90
2.91
4.00
3.00
4.10
3.08
V
V
Output Regulation Voltage
1.8V VOUT Selected
TJ = –40°C to 85°C (Note 4)
l
1.75
1.8
1.85
V
1.755
1.8
1.845
V
2.2V VOUT Selected
TJ = –40°C to 85°C (Note 4)
l
2.14
2.2
2.25
V
2.145
2.2
2.245
V
3.3V VOUT Selected
TJ = –40°C to 85°C (Note 4)
l
3.22
3.3
3.40
V
3.23
3.3
3.38
V
5V VOUT Selected
TJ = –40°C to 85°C (Note 4)
l
4.90
5.0
5.10
V
4.92
5.0
5.08
V
Quiescent Current – VAUX
Enabled, VOUT in Regulation, Non-Switching,
TJ = –40°C to 85°C (Note 4)
l
1.6
1.6
3
2.5
µA
µA
Quiescent Current – VOUT
Enabled, VOUT in Regulation, Non-Switching,
TJ = –40°C to 85°C (Note 4)
l
0.1
0.1
1
0.3
µA
µA
Quiescent Current – VSTORE
Enabled, VOUT in Regulation, Non-Switching, VCAP Shorted
to VSTORE
TJ = –40°C to 85°C (Note 4)
l
0.1
0.1
1
0.3
µA
µA
Shutdown Current – VSTORE
VIN = 0V, VCAP Shorted to VSTORE, ENVSTR = 0V
TJ = –40°C to 85°C (Note 4)
l
0.1
0.1
0.7
0.3
µA
µA
Shelf Mode VSTORE Leakage Current
Isolated VSTORE, ENVSTR = 0V
0.1
25
nA
N-Channel MOSFETs – Leakage Current
B and C Switches
0.1
1
µA
P-Channel MOSFETs – Leakage Current
A1, A2, D1 and D2 Switches
0.1
1
µA
N-Channel MOSFET B and C Switch RDS(ON)
VIN = 5V
0.5
Ω
P-Channel MOSFET A1 RDS(ON)
VIN = 5V
0.5
Ω
P-Channel MOSFET A2 RDS(ON)
VSTORE = VCAP = 4.2V
1.9
Ω
P-Channel MOSFET D1 RDS(ON)
VOUT = 3.3V
0.9
Ω
P-Channel MOSFET D2 RDS(ON)
VSTORE = VCAP = 4.2V
2.9
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com