Electronic Components Datasheet Search
  English  ▼

X  

LTC3106 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3106
Description  300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3106 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3106 Datasheet HTML 18Page - Linear Technology LTC3106 Datasheet HTML 19Page - Linear Technology LTC3106 Datasheet HTML 20Page - Linear Technology LTC3106 Datasheet HTML 21Page - Linear Technology LTC3106 Datasheet HTML 22Page - Linear Technology LTC3106 Datasheet HTML 23Page - Linear Technology LTC3106 Datasheet HTML 24Page - Linear Technology LTC3106 Datasheet HTML 25Page - Linear Technology LTC3106 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTC3106
22
3106f
For more information www.linear.com/LTC3106
until the output is pumped above its regulation voltage, a
finalIVALLEYisdetected,andthepartreturnstosleepmode.
Buck-Boost Mode
If (VOUT – 700mV) < VIN < (VOUT + 300mV), the LTC3106
operates in 4-switch step-up/step-down mode. Returning
to Figure 6 (center) when VOUT falls below its regulation
voltage, switches A and C are turned on and current is
ramped until IPEAK is detected. As with boost mode opera-
tion, C is then turned off, D is turned on and current is
delivered to the output. When A and D are on, the inductor
current slope is dependent on the relationship between
VIN, VOUT, and the RDS(ON) of the switches. In 4-switch
mode, a tOFF timer is used to terminate the AD pulse.
Once the tOFF timer expires, switch A is turned off, B is
turned on, inductor current is ramped down and VOUT is
applied across the inductor until IVALLEY is detected. This
sequence is repeated until the output is regulated, BD
switches are turned on, and a final IVALLEY is detected.
Anti-cross conduction circuitry in all modes ensures the
P-channel MOSFET and N-channel MOSFET switch pairs
(A and B or D and C) are never turned on simultaneously.
Note all three operational modes function the same if pow-
ering from VSTORE/VCAP when VIN is not available. Simply
consider VIN in the preceding paragraphs as VSTORE/VCAP.
Undervoltage Lockout (UVLO)
and Very Low VIN Operation
There is an undervoltage lockout (UVLO) circuit within
the LTC3106 to allow very low voltage VIN operation.
If the LTC3106 is configured so that the RUN pin is
externally driven to a voltage greater than the 600mV ac-
curate RUN threshold, the VIN UVLO function allows the
input voltage to remain viable as an input source down
to ~250mV. Below this threshold VIN is disabled and the
input source will transition to VSTORE/VCAP, assuming
VSTORE/VCAPiswithinitsprogrammedrange,untilVINrises
above ~300mV, where input power again transitions to
VIN. The VIN input is always given priority over the VSTORE/
VCAP input if VIN is viable.
operaTion
Figure 7. MPP Configurations
Maximum Power Point Operation
As an alternative to using an external divider on the RUN
pin (or for maximum power point thresholds below the
600mVRUNpinthreshold)themaximumpowerpointcon-
trol circuit allows the user to set the optimal input voltage
operating point for a given power source. The MPP circuit
hysteretically regulates the average VINvoltagetotheMPP
threshold. When VINisgreaterthantheMPPvoltage,input
power is taken from VINtosupplytheload.IftheVINpower
source does not have enough power for the load it will
decrease. When VINislessthantheMPPthresholdvoltage
the input transitions to VSTORE/VCAPifavailable.VINpower
maythenrechargetheinputcapacitorvoltageandasitrises
above the MPP threshold the process repeats. VIN MPP
regulation is then maintained using this “burst” technique.
If VSTORE is disabled or in undervoltage, no switching
occurs until VIN again rises above the MPP threshold and
only quiescent current is drawn from the power source
(same as sleep mode).
To set the MPP threshold a 1.5µA (typical) source current
is provided at the MPP pin. An external resistor to ground
allows an arbitrary MPP threshold voltage setting. See
Figure 7.
MPP
1.2µA
R3
3106 F07
LTC3106
IQ = 10.5µA
MPP FUNCION
ENABLED
MPP
VCC
LTC3106
IQ = 1.5µA
MPP FUNCION
DISABLED
Note that when the MPP function is used the nominal
quiescentcurrentincreasesfrom1.5µA(typical)to10.5µA
(typical). To disable the MPP feature and eliminate the
additional IQ, simply tie MPP to VCC.
PGOOD Comparator
The LTC3106 provides an open-drain PGOOD output that
pulls low if VOUT falls more than 10% (typical) below its
programmedvalue.WhenVOUTrisestowithin8%(typical)
of its programmed value, the internal PGOOD pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com