Electronic Components Datasheet Search
  English  ▼

X  

LTC3106 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3106
Description  300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3106 Datasheet(HTML) 2 Page - Linear Technology

  LTC3106 Datasheet HTML 1Page - Linear Technology LTC3106 Datasheet HTML 2Page - Linear Technology LTC3106 Datasheet HTML 3Page - Linear Technology LTC3106 Datasheet HTML 4Page - Linear Technology LTC3106 Datasheet HTML 5Page - Linear Technology LTC3106 Datasheet HTML 6Page - Linear Technology LTC3106 Datasheet HTML 7Page - Linear Technology LTC3106 Datasheet HTML 8Page - Linear Technology LTC3106 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LTC3106
2
3106f
For more information www.linear.com/LTC3106
pin conFiguraTion
absoluTe MaxiMuM raTings
Supply Voltages
VIN, VSTORE, VOUT, VCAP........................... –0.3V to 6V
All Other Pins............................................... –0.3V to 6V
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
(Notes 1, 6)
20 19 18 17
7
8
TOP VIEW
21
GND
UDC PACKAGE
20-LEAD (3mm
× 4mm) PLASTIC QFN
9 10
6
5
4
3
2
1
11
12
13
14
15
16
NC
VOUT
VAUX
VCC
OS1
OS2
VIN
GND
ENVSTR
RUN
ILIMSEL
PRI
TJMAX = 125°C, θJA = 52°C/W, θJC = 7°C/W (Note 5)
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
VSTORE
VCAP
VOUT
NC
VAUX
VCC
OS1
OS2
PGOOD
MPP
SW1
SW2
VIN
GND
ENVSTR
RUN
ILIMSEL
PRI
SS1
SS2
21
GND
TJMAX = 125°C, θJA = 48.6°C/W, θJC = 8.6°C/W (Note 5)
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3106EUDC#PBF
LTC3106EUDC#TRPBF
LGQH
20-Lead (3mm
× 4mm) Plastic QFN
–40°C to 125°C
LTC3106IUDC#PBF
LTC3106IUDC#TRPBF
LGQH
20-Lead (3mm
× 4mm) Plastic QFN
–40°C to 125°C
LTC3106EFE#PBF
LTC3106EFE#TRPBF
LTC3106FE
20-Lead Plastic TSSOP
–40°C to 125°C
LTC3106IFE#PBF
LTC3106IFE#TRPBF
LTC3106FE
20-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
FE Package .......................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com