Electronic Components Datasheet Search
  English  ▼

X  

LTC3106 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC3106
Description  300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3106 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC3106 Datasheet HTML 30Page - Linear Technology LTC3106 Datasheet HTML 31Page - Linear Technology LTC3106 Datasheet HTML 32Page - Linear Technology LTC3106 Datasheet HTML 33Page - Linear Technology LTC3106 Datasheet HTML 34Page - Linear Technology LTC3106 Datasheet HTML 35Page - Linear Technology LTC3106 Datasheet HTML 36Page - Linear Technology LTC3106 Datasheet HTML 37Page - Linear Technology LTC3106 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
LTC3106
36
3106f
For more information www.linear.com/LTC3106
package DescripTion
Please refer to http://www.linear.com/product/LTC3106#packaging for the most recent package drawings.
3.00
±0.10
1.50 REF
4.00
±0.10
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
±0.10
19 20
1
2
BOTTOM VIEW—EXPOSED PAD
2.50 REF
0.75
±0.05
R = 0.115
TYP
PIN 1 NOTCH
R = 0.20 OR 0.25
× 45° CHAMFER
0.25
±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UDC20) QFN 1106 REV Ø
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
±0.05
0.25
±0.05
2.50 REF
3.10
±0.05
4.50
±0.05
1.50 REF
2.10
±0.05
3.50
±0.05
PACKAGE OUTLINE
R = 0.05 TYP
1.65
±0.10
2.65
±0.10
1.65
±0.05
2.65
±0.05
0.50 BSC
UDC Package
20-Lead Plastic QFN (3mm
× 4mm)
(Reference LTC DWG # 05-08-1742 Rev Ø)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com