Electronic Components Datasheet Search
  English  ▼

X  

LTC3106 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3106
Description  300mA Low Voltage Buck-Boost Converter with PowerPath and 1.6關A Quiescent Current
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3106 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3106 Datasheet HTML 16Page - Linear Technology LTC3106 Datasheet HTML 17Page - Linear Technology LTC3106 Datasheet HTML 18Page - Linear Technology LTC3106 Datasheet HTML 19Page - Linear Technology LTC3106 Datasheet HTML 20Page - Linear Technology LTC3106 Datasheet HTML 21Page - Linear Technology LTC3106 Datasheet HTML 22Page - Linear Technology LTC3106 Datasheet HTML 23Page - Linear Technology LTC3106 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTC3106
20
3106f
For more information www.linear.com/LTC3106
operaTion
present. If an extended duration output short is expected,
protection for the primary battery should be considered.
Start-Up
The LTC3106 will start up from either input voltage source
but gives priority to VIN.TheAUXoutputisinitiallycharged
with the synchronous rectifiers disabled. Once VAUX has
reached its terminal voltage the output voltage is then also
chargedasynchronouslyuntilVOUTreachesapproximately
1.2V.Theconverterthenleavestheasynchronousmodein
favor of a more efficient synchronous start-up mode until
VOUT is in regulation and the part enters normal operation.
ItisnormalfortheoutputvoltagetoriseasVAUXischarging.
The AUXSW switch and the SWDI switch are in parallel so
even when switched off there is still some asynchronous
body diode conduction to the output. The rate at which
this occurs is related to the VAUX/VOUT output capacitor
ratio and operating conditions at start-up (i.e., any static
load on VOUT). A minimum 10:1 ratio of VOUT to VAUX cap
is recommended to allow for proper start-up.
Starting from Very Low Current Input Sources
Many solar cells that are optimized for indoor use have
very low available power at low light levels and therefore
very low output current, often less than 100µA at 200Lux.
If the LTC3106 is to start up using only a weak source on
VINandwithnobackupbatteryonVSTOREtheinputcapaci-
tance must be sized larger than that for normal operation.
Although dependent on the specific operating conditions
for the application, in general, starting from low current
sources on VIN at low light levels alone will require larger
input capacitances than those calculated using the CVIN
equation in the VIN and VOUT Capacitor Selection section.
For example if the LTC3106 application in Figure 14 needs
to start from the AM-1454 solar cell without the benefit
of a battery on VSTORE, the required input capacitance
increases from 470µF to 2.2mF minimum.
If a battery is connected to VSTORE but is disabled by
bringing ENVSTR low and is therefore not used to start the
LTC3106, the input source on VIN needs to have an output
current equal to or greater than 100µA (typ) regardless
of the input capacitor size for the internal VCC decision
circuit to run properly during start up. If the input source
has less than a 100µA capability, startup could stall until
more input current is available from the source or until
the VSTORE battery is enabled. The 100µA limitation also
applies where the LTC3106’s output is used to charge a
battery or a large super capacitor. For typical applications
where the input capacitance is greater than the output
capacitance the 100µA limitation does not apply.
Operating from a Low Power VIN
Controlling the minimum input voltage is essential when
using high impedance or intermittent input sources. The
LTC3106hasseveraloptionsforVINvoltagecontrolduring
start-up and during normal operation.
If a valid VSTORE voltage exists or if VAUX is in regulation,
there are several LTC3106 configurations allowing accu-
rate control at lower input voltages on VIN. The accurate
RUN comparator can be used to control the VIN turn-on
threshold at any arbitrary voltage equal to or above 600mV
as discussed in the Accurate RUN Pin section of this
data sheet. The 300mV UVLO on VIN could also be used
to maintain VIN but is fixed at the 300mV threshold. If a
higher sleep current can be tolerated, the MPP pin can
be used to control VIN at any arbitrary threshold above
300mV. These latter two methods of controlling VIN are
discussed in later sections of the data sheet.
Even if no other input source is present (VSTORE/VCAP
disabled, not used or too low), a crude VIN comparator
will control VIN during start-up. If the RUN pin is tied to
VIN or held above the RUN enable threshold (>0.4V typ)
the LTC3106 has a typical start-up voltage of 0.85V with
input currents as low as 15µA or ~12µW of input power.
If the source impedance is high enough to cause VIN to
drop below the VIN comparator threshold, start-up is
terminated until the input capacitance is again charged to
approximately 0.85V. Operation continues in this manner
until start-up is complete. Input source impedance due
to the source itself or due to the input source’s expected
environmental conditions determine the required size
of the input capacitance on VIN to facilitate a successful
start-up. Recommendations are presented in the Input
Capacitor Selection and Typical Applications sections of
this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com