Electronic Components Datasheet Search
  English  ▼

X  

AD6624A Datasheet(PDF) 4 Page - Analog Devices

Part # AD6624A
Description  Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624A Datasheet(HTML) 4 Page - Analog Devices

  AD6624A Datasheet HTML 1Page - Analog Devices AD6624A Datasheet HTML 2Page - Analog Devices AD6624A Datasheet HTML 3Page - Analog Devices AD6624A Datasheet HTML 4Page - Analog Devices AD6624A Datasheet HTML 5Page - Analog Devices AD6624A Datasheet HTML 6Page - Analog Devices AD6624A Datasheet HTML 7Page - Analog Devices AD6624A Datasheet HTML 8Page - Analog Devices AD6624A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
REV. 0
–4–
AD6624A
GENERAL TIMING CHARACTERISTICS
1, 2
Test
AD6624AS
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
CLK Timing Requirements:
tCLK
CLK Period
Full
I
10
ns
tCLKL
CLK Width Low
Full
IV
4.5
0.5
× tCLK
ns
tCLKH
CLK Width High
Full
IV
4.5
0.5
× t
CLK
ns
RESET Timing Requirement:
tRESL
RESET Width Low
Full
I
30.0
ns
Input Wideband Data Timing Requirements:
tSI
Input to
↑CLK Setup Time
Full
IV
0.8
ns
tHI
Input to
↑CLK Hold Time
Full
IV
2.0
ns
Level Indicator Output Switching Characteristic:
tDLI
↑CLK to LI (A–A, B; B–A, B) Output Delay Time
Full
IV
3.8
12.6
ns
SYNC Timing Requirements:
tSS
SYNC (A, B, C, D) to
↑CLK Setup Time
Full
IV
1.0
ns
tHS
SYNC (A, B, C, D) to
↑CLK Hold Time
Full
IV
2.0
ns
Serial Port Timing Requirements (SBM = 1):
Switching Characteristics:
3
tDSCLK1
↑CLK to ↑SCLK Delay (Divide by 1)
Full
IV
3.9
13.4
ns
tDSCLKH
↑CLK to ↑SCLK Delay (For Any Other Divisor)
Full
IV
4.4
14.0
ns
tDSCLKL
↑CLK to ↓SCLK Delay (Divide by 2 or Even #)
Full
IV
3.25
6.7
ns
tDSCLKLL
↓CLK to ↓SCLK Delay (Divide by 3 or Odd #)
Full
IV
3.8
6.9
ns
tDSDFS
↑SCLK to SDFS Delay
Full
IV
0.2
5.3
ns
tDSDFE
↑SCLK to SDFE Delay
Full
IV
–0.4
+4.7
ns
tDSDO
↑SCLK to SDO Delay
Full
IV
–1.0
+4.0
ns
tDSDR
↑SCLK to DR Delay
Full
IV
–0.3
+4.6
ns
tDDR
↑CLK to DR Delay
Full
IV
5.4
17.6
ns
Input Characteristics:
tSSI
SDI to
↓SCLK Setup Time
Full
IV
2.4
ns
tHSI
SDI to
↓SCLK Hold Time
Full
IV
3.0
ns
Serial Port Timing Requirements (SBM = 0):
Switching Characteristics:3
tSCLK
SCLK Period
Full
IV
16
ns
tSCLKL
SCLK Low Time (When SDIV = 1, Divide by 1)
Full
IV
5.0
ns
tSCLKH
SCLK High Time (When SDIV = 1, Divide by 1)
Full
IV
5.0
ns
tDSDFE
↑SCLK to SDFE Delay
Full
IV
3.8
15.4
ns
tDSDO
↑SCLK to SDO Delay
Full
IV
3.7
15.2
ns
tDSDR
↑SCLK to DR Delay
Full
IV
3.9
15.9
ns
Input Characteristics:
tSSF
SDFS to
↑SCLK Setup Time
Full
IV
1.9
ns
tHSF
SDFS to
↑SCLK Hold Time
Full
IV
0.7
ns
tSSI
SDI to
↓SCLK Setup Time
Full
IV
2.4
ns
tHSI
SDI to
↓SCLK Hold Time
Full
IV
2.0
ns
NOTES
1All Timing Specifications valid over VDD range of 2.375 V to 2.675 V and VDDIO range of 3.0 V to 3.6 V.
2C
LOAD = 40 pF on all outputs unless otherwise specified.
3The timing parameters for SCLK, SDFS, SDFE, SDO, SDI, and DR apply to all four channels (0, 1, 2, and 3). The slave serial port’s (SCLK) operating frequency is
limited to 62.5 MHz.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com