| Electronic Components Datasheet Search |
|
AD6624A Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6624A Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 40 page ![]() REV. 0 AD6624A –23– MICRO REGISTER I0 I31 Q0 Q31 SHADOW REGISTER I0 I31 Q0 Q31 NCO FREQUENCY REGISTER I0 I31 Q0 Q31 FROM MICROPORT NCO FREQUENCY UPDATE HOLD-OFF COUNTER B0 B15 TC AD6624 CLK SOFT SYNC ENABLE PIN SYNC ENABLE TO NCO ENB Figure 28. NCO Shadow Register and Hold-Off Counter Start Start refers to the start-up of an individual channel, chip, or multiple chips. If a channel is not used, it should be put in the Sleep mode to reduce power dissipation. Following a hard reset (low pulse on the AD6624A RESET pin), all channels are placed in the Sleep mode. Channels may also be manually put to sleep by writing to the mode register controlling the sleep function. Start with No Sync If no synchronization is needed to start multiple channels or multiple AD6624s, the following method should be used to initialize the device. 1. To program a channel, it should first be set to Sleep mode (bit high) (Ext Address 3). All appropriate control and memory registers (filter) are then loaded. The Start Update Hold-Off Counter (0x83) should be set to 1. 2. Set the appropriate Sleep bit low (Ext Address 3). This enables the channel. The channel must have Sleep mode low to activate a channel. Start with Soft Sync The AD6624A includes the ability to synchronize channels or chips under microprocessor control. One action to synchronize is the start of channels or chips. The Start Update Hold-Off Counter (0x83), in conjunction with the Start bit and Sync bit (Ext Address 5), allows this synchronization. Basically, the Start Update Hold-Off Counter delays the Start of a channel(s) by its value (number of AD6624A CLKs). The following method is used to synchronize the start of multiple channels via micro- processor control. 1. Set the appropriate channels to Sleep mode (a hard reset to the AD6624A Reset pin brings all four channels up in Sleep mode). 2. Note that the time RDY (Pin 57) goes high to when the NCO begins processing data is the contents of the Start Update Hold-Off Counter(s) (0x83) plus six master clock cycles. 3. Write the Start Update Hold-Off Counter(s) (0x83) to the appropriate value (greater than 1 and less than 2 16–1). If the chip(s) is not initialized, all other registers should be loaded at this step. 4. Write the Start bit and the Sync bit high (Ext Address 5). 5. This starts the Start Update Hold-Off Counter counting down. The counter is clocked with the AD6624A CLK signal. When it reaches a count of one, the Sleep bit of the appropri- ate channel(s) is set low to activate the channel(s). Start with Pin Sync The AD6624A has four Sync pins, A, B, C, and D, that can be used to provide for very accurate synchronization channels. Each channel can be programmed to look at any of the four sync pins. Additionally, any or all channels can monitor a single Sync pin or each can monitor a separate pin, providing complete flexibil- ity of synchronization. Synchronization of Start with one of the external signals is accomplished with the following method. 1. Set the appropriate channels to Sleep mode (a hard reset to the AD6624A RESET pin brings all four channels up in Sleep mode). 2. Note that the time from when the SYNC pin goes high to when the NCO begins processing data is the contents of the Start Update Hold-Off Counter(s) (0x83) plus three master clock cycles. 3. Write the Start Update Hold-Off Counter(s) (0x83) to the appropriate value (greater than 1 and less than 2 16–1). If the chip(s) is not initialized, all other registers should be loaded at this step. 4. Set the Start on Pin Sync bit and the appropriate Sync Pin Enable high (Ext Address 4 ) (A, B, C, or D). 5. When the Sync pin is sampled high by the AD6624A CLK, it enables the count-down of the Start Update Hold-Off Counter. The counter is clocked with the AD6624A CLK signal. When it reaches a count of one, the Sleep bit of the appropriate channel(s) is set low to activate the channel(s). Hop Hop is a jump from one NCO frequency to a new NCO frequency. This change in frequency can be synchronized via microprocessor control (Soft Sync) or an external Sync signal (Pin Sync) as described below. To set the NCO frequency without synchronization the following method should be used. Set Freq No Hop 1. Set the NCO Freq Hold-Off counter to 0. 2. Load the appropriate NCO frequency. The new frequency will be immediately loaded to the NCO. Hop with Soft Sync The AD6624A includes the ability to synchronize a change in NCO frequency of multiple channels or chips under micropro- cessor control. The NCO Freq Hold-Off counter (0x84), in conjunction with the Hop bit and the Sync bit (Ext Address 4), allow this synchronization. Basically, the NCO Freq Hold-Off counter delays the new frequency from being loaded into the NCO by its value (number of AD6624A CLKs). The following method is used to synchronize a hop in frequency of multiple channels via microprocessor control. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |