Electronic Components Datasheet Search
  English  ▼

X  

AD6624A Datasheet(PDF) 18 Page - Analog Devices

Part # AD6624A
Description  Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624A Datasheet(HTML) 18 Page - Analog Devices

Back Button AD6624A Datasheet HTML 14Page - Analog Devices AD6624A Datasheet HTML 15Page - Analog Devices AD6624A Datasheet HTML 16Page - Analog Devices AD6624A Datasheet HTML 17Page - Analog Devices AD6624A Datasheet HTML 18Page - Analog Devices AD6624A Datasheet HTML 19Page - Analog Devices AD6624A Datasheet HTML 20Page - Analog Devices AD6624A Datasheet HTML 21Page - Analog Devices AD6624A Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
REV. 0
AD6624A
–18–
lowered, input data is replaced with zero values. During this
period, the NCO continues to run such that when the IEN line
is raised again, the NCO value will be at the value it would have
otherwise been in had the IEN line never been lowered. This
mode has the effect of blanking the digital inputs when the IEN
line is lowered. Back end processing (rCIC2, CIC5, and RCF)
continues while the IEN line is high. This mode is useful for
time division multiplexed applications.
Mode 01: Clock On IEN High
In this mode, data is clocked into the chip while the IEN line is
high. During the period of time when the IEN line is high, new
data is strobed on each rising edge of the input clock. When
IEN line is lowered, input data is no longer latched into the
channel. Additionally, NCO advances are halted. However,
back end processing (rCIC2, CIC5, and RCF) continues during
this period. The primary use for this mode is to allow for a clock
that is faster than the input sample data rate to allow more filter
taps to be computed than would otherwise be possible. In Fig-
ure 26, input data is strobed only during the period of time when
IEN is high, despite the fact that the CLK continues to run at a
rate four times faster than the data.
CLK
tHI
tSI
n+1
n
IN[13:0]
E[2:0]
IEN
Figure 26. Fractional Rate Input Timing (4
× CLK) in
Mode 01
Mode 10: Clock on IEN Transition to High
In this mode, data is clocked into the chip only on the first clock
edge after the rising transition of the IEN line. Although data is
only latched on the first valid clock edge, the back end process-
ing (rCIC2, CIC5, and RCF) continues on each available clock
that may be present, similar to Mode 01. The NCO phase accu-
mulator is incremented only once for each new input data sample
and not once for each input clock.
Mode 11: Clock on IEN Transition to Low
In this mode, data is clocked into the chip only on the first clock
edge after the falling transition of the IEN line. Although data is
only latched on the first valid clock edge, the back end process-
ing (rCIC2, CIC5, and RCF) continues on each available clock
that may be present, similar to Mode 01. The NCO phase accu-
mulator is incremented only once for each new input data sample
and not once for each input clock.
WB Input Select
Bit 6 in this register controls which input port is selected for
signal processing. If this bit is set high, Input Port B (INB,
EXPB, and IENB) is connected to the selected filter channel. If
this bit is cleared, Input Port A (INA, EXPA, and IENA) is
connected to the selected filter channel.
Sync Select
Bits 7 and 8 of this register determine which external sync pin is
associated with the selected channel. The AD6624A has four sync
pins named SYNCA, SYNCB, SYNCC, and SYNCD. Any of
these sync pins can be associated with any of the four receiver
channels within the AD6624A. Additionally, if only one sync
signal is required for the system, all four receiver channels can
reference the same sync pulse. Bit value 00 is Channel A, 01 is
Channel B, 10 is Channel C, and 11 is Channel D.
SECOND ORDER rCIC FILTER
The rCIC2 filter is a second order cascaded resampling integra-
tor comb filter. The resampler is implemented using a unique
technique, which does not require the use of a high-speed clock,
thus simplifying the design and saving power. The resampler
allows for noninteger relationships between the master clock
and the output data rate. This allows easier implementation of
systems that are either multimode or require a master clock that
is not a multiple of the data rate to be used.
Interpolation up to 512, and decimation up to 4096, is allowed
in the rCIC2. The resampling factor for the rCIC2 (L) is a 9-bit
integer. When combined with the decimation factor M, a 12-bit
number, the total rate change can be any fraction in the form of:
R
L
M
R
rCIC
rCIC
2
2
1
=
≤
(3)
The only constraint is that the ratio L/M must be less than or
equal to one. This implies that the rCIC2 decimates by 1 or more.
Resampling is implemented by apparently increasing the input
sample rate by the Factor L, using zero stuffing for the new data
samples. Following the resampler is a second order cascaded
integrator comb filter. Filter characteristics are determined only
by the fractional rate change (L/M).
The filter can process signals at the full rate of the input port
80 MHz. The output rate of this stage is given by Equation 4.
f
Lf
M
SAMP
rCIC
SAMP
rCIC
2
2
2
=
×
(4)
Both LrCIC2 and MrCIC2 are unsigned integers. The interpolation
rate (LrCIC2) may be from 1 to 512 and the decimation (MrCIC2)
may be between 1 and 4096. The stage can be bypassed by
setting the decimation to 1/1.
The frequency response of the rCIC2 filter is given by Equation 5.
Hz
L
z
z
Hf
L
Mf
Lf
f
f
S
rCIC
M
L
S
rCIC
rCIC
rCIC
SAMP
SAMP
rCIC
rCIC
rCIC
rCIC
()
()
sin
sin
–
=
×
×
−
−


=
×
×
×
×




−
1
2
1
1
1
2
2
2
2
2
2
1
2
2
2
2
2
π
π
(5)
The scale factor, SrCIC2 is a programmable, unsigned 5-bit value
between 0 and 31. This serves as an attenuator that can reduce
the gain of the rCIC2 in 6 dB increments. For the best dynamic
range, SrCIC2 should be set to the smallest value possible (i.e.,
lowest attenuation) without creating an overflow condition.
This can be safely accomplished using the following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com