Electronic Components Datasheet Search
  English  ▼

X  

AD6624A Datasheet(PDF) 10 Page - Analog Devices

Part # AD6624A
Description  Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624A Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6624A Datasheet HTML 6Page - Analog Devices AD6624A Datasheet HTML 7Page - Analog Devices AD6624A Datasheet HTML 8Page - Analog Devices AD6624A Datasheet HTML 9Page - Analog Devices AD6624A Datasheet HTML 10Page - Analog Devices AD6624A Datasheet HTML 11Page - Analog Devices AD6624A Datasheet HTML 12Page - Analog Devices AD6624A Datasheet HTML 13Page - Analog Devices AD6624A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
REV. 0
AD6624A
–10–
PIN CONFIGURATION
(Top View)
123456789
10
11
12
13
14
NO
NC
INB5
INB6
INB12
EXPB1
EXPB0
SDIN3
SDFS3
DR2
SDFS2
NC
INB3
INB4
INB7
INB10
INB13
DR3
SDO3
SDFE2
SDO2
INB1
INB8
INB9
INB11
EXPB2
SDFE3
SCLK3
SDIN2
SCLK2
SDFE1
LIB-B
INB2
INB0
SDFS1
DR1
SDIN1
VDDIO
VDD
VDDIO
VDD
VDDIO
VDD
CLK
IENB
LIB-A
SDO1
VDD
GND
GND
GND
GND
VDDIO
EXPA1
EXPA0
EXPA2
SCLK1
DR0
SDIN0
VDDIO
GND
GND
GND
GND
VDD
INA12
INA13
INA10
SDFE0
SDO0
SCLK0
VDD
GND
GND
GND
GND
VDDIO
INA11
INA9
INA7
SDFS0
SDIV1
SDIV0
VDDIO
GND
GND
GND
GND
VDD
INA8
INA6
INA4
SDIV2
SMB0
SDIV3
VDD
VDDIO
VDD
VDDIO
VDD
VDDIO
INA5
INA2
INA0
CHIP ID1
CHIP ID3
CHIP ID0
INA1
INA3
TDI
TMS
CHIP ID2
IENA
SYNCD
SYNCA
D5
D2
DS(RD)
A0
MODE
TRST
TD0
LIA-A
SYNCC
D7
D4
D1
DTACK(RDY)
A2
CS
TCLK
NC
LIA-B
SYNCB
RESET
D6
D3
D0
RW(
WR)A1
NC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
BALL LEGEND
I/O
GROUND
CORE POWER
RING POWER
15mm SQ.
1.0mm.
A
B
C
D
E
F
G
H
J
K
L
M
N
P
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com