Electronic Components Datasheet Search
  English  ▼

X  

AD6624A Datasheet(PDF) 28 Page - Analog Devices

Part # AD6624A
Description  Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624A Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6624A Datasheet HTML 24Page - Analog Devices AD6624A Datasheet HTML 25Page - Analog Devices AD6624A Datasheet HTML 26Page - Analog Devices AD6624A Datasheet HTML 27Page - Analog Devices AD6624A Datasheet HTML 28Page - Analog Devices AD6624A Datasheet HTML 29Page - Analog Devices AD6624A Datasheet HTML 30Page - Analog Devices AD6624A Datasheet HTML 31Page - Analog Devices AD6624A Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
REV. 0
AD6624A
–28–
Table VIII. Channel Address Memory Map (continued)
Ch Address
Register
Bit Width
Comments
A5
BIST Signature for I Path
16
BIST-I
A6
BIST Signature for Q Path
16
BIST-Q
A7
# of BIST Outputs to Accumulate
20
19–0: # of Outputs (Counter Value Read)
A8
RAM BIST Control Register
3
2:
D-RAM Fail/Pass
1:
C-RAM Fail/Pass
0:
RAM BIST Enable
A9
Serial Port Control Register
10
9:
Map RCF Data to BIST Registers
8–7:
I_SDFS Control
1x:
Separate I and Q SDFS Pulses
01:
SDFS High for Entire Frame
00:
Single SDFS Pulse
6–5:
SOWL
1x:
24-Bit Words
01:
16-Bit Words
00:
12-Bit Words
4:
SBMx
3–0:
SDIVx[3:0]
Serial Output Frame Timing (Master and Slave)
The SDFS signal transitions accordingly depending on whether
the part is in Master (SBM = 1, Figure 43) or Slave (SBM = 0,
Figure 32) mode. The next rising edge of SCLK after this occurs
will drive the first bit of the serial data on the SDO pin. The
falling edge of SCLK or the subsequent rising edge can then be
used by the DSP to sample the data until the required number
of bits is received (determined by the serial output port word
length). If the DSP has the ability to count bits, the DSP will
know when the complete frame is received. If not, the DSP can
monitor the SDFE pin to determine that the frame is complete.
Serial Port Timing Specifications
Whether the AD6624A serial channel is operated as a Serial
Bus Master or as a Serial Slave, the serial port timing is iden-
tical. Figures 38 to 44 indicate the required timing for each of
the specifications.
SCLK
tSCLKL
tSCLK
tSCLKH
Figure 37. SCLK Timing Requirements
CLK
SCLK
tDSCLKH
tSCLKH
tSCLKL
Figure 38. SCLK Switching Characteristics (Divide by 1)
SCLK
SDI
DATA
tSSI
tHSI
Figure 39. Serial Input Data Timing Requirements
SCLK
SDO
I15
I14
tDSDO
I13
Figure 40. Serial Output Data Switching Characteristics
SCLK
SDFS
tSSF
tHSF
Figure 41. SDFS Timing Requirements (SBM = 0)
SDO
IMSB
SDFS
SCLK
tDSO
IMSB1
SDFS MINIMUM
WIDTH IS ONE SCLK
FIRST DATA IS AVAILABLE THE FIRST
RISING SCLK AFTER SDFS GOES HIGH
Figure 42. Timing for Serial Output Port (SBM = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com