Electronic Components Datasheet Search
  English  ▼

X  

AD6624A Datasheet(PDF) 27 Page - Analog Devices

Part # AD6624A
Description  Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6624A Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6624A Datasheet HTML 23Page - Analog Devices AD6624A Datasheet HTML 24Page - Analog Devices AD6624A Datasheet HTML 25Page - Analog Devices AD6624A Datasheet HTML 26Page - Analog Devices AD6624A Datasheet HTML 27Page - Analog Devices AD6624A Datasheet HTML 28Page - Analog Devices AD6624A Datasheet HTML 29Page - Analog Devices AD6624A Datasheet HTML 30Page - Analog Devices AD6624A Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
REV. 0
AD6624A
–27–
Table VIII. Channel Address Memory Map
Ch Address
Register
Bit Width
Comments
00–7F
Coefficient Memory (CMEM)
20
128
× 20-Bit Memory
80
CHANNEL SLEEP
1
0:
SLEEP Bit from EXT_ADDRESS 3
81
Soft_Sync Control Register
2
1:
Hop
0:
Start
82
Pin_SYNC Control Register
3
2:
First SYNC Only
1:
Hop_En
0:
Start_En
83
Start Hold-Off Counter
16
Start Hold-Off Value
84
NCO Frequency Hold-Off Counter
16
NCO_FREQ Hold-Off Value
85
NCO Frequency Register 0
16
NCO_FREQ[15:0]
86
NCO Frequency Register 1
16
NCO_FREQ[31:16]
87
NCO Phase Offset Register
16
NCO_PHASE[15:0]
88
NCO Control Register
9
8–7:
SYNC Input Select[1:0]
6:
WB Input Select B/A
5–4:
Input Enable Control
11:
Clock On IEN Transition to Low
10:
Clock On IEN Transition to High
01:
Clock On IEN High
00:
Mask On IEN Low
3:
Clear Phase Accumulator On HOP
2:
Amplitude Dither
1:
Phase Dither
0:
Bypass (A-Input -> I-Path, B -> Q)
89–8F
Unused
90
rCIC2 Decimation – 112
MrCIC2–1
91
rCIC2 Interpolation – 19
LrCIC2–1
92
rCIC2 Scale
12
11:
Exponent Invert
10:
Exponent Weight
9–5:
rCIC2_QUIET[4:0]
4–0:
rCIC2_LOUD[4:0]
93
Reserved
8
Reserved (Must Be Written Low)
94
CIC5 Decimation –18
MCIC5–1
95
CIC5 Scale
5
4–0:
CIC5_SCALE[4:0]
96
Reserved
8
Reserved (Must Be Written Low)
97–9F
Unused
A0
RCF Decimation – 18
MRCF–1
A1
RCF Decimation Phase
8
PRCF
A2
RCF Number of Taps –18
NTAPS–1
A3
RCF Coefficient Offset
8
CORCF
A4
RCF Control Register
11
10:
RCF Bypass BIST
9:
RCF Input Select (Own 0, Other 1)
8:
Program RAM Bank 1/0
7:
Use Common Exponent
6:
Force Output Scale
5–4:
Output Format
1x:
Floating Point 12 + 4
01:
Floating Point 8 + 4
00:
Fixed Point
3–0: Output Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com