Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3371 Datasheet HTML 12Page - Linear Technology LTC3371 Datasheet HTML 13Page - Linear Technology LTC3371 Datasheet HTML 14Page - Linear Technology LTC3371 Datasheet HTML 15Page - Linear Technology LTC3371 Datasheet HTML 16Page - Linear Technology LTC3371 Datasheet HTML 17Page - Linear Technology LTC3371 Datasheet HTML 18Page - Linear Technology LTC3371 Datasheet HTML 19Page - Linear Technology LTC3371 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC3371
16
3371fb
For more information www.linear.com/LTC3371
OPERATION
Table 1. Master Slave Program Combinations (Each Letter
Corresponds to a VIN and SW Pair)
PROGRAM
CODE
C3C2C1
BUCK 1
BUCK 2
BUCK 3
BUCK 4
000
AB
CD
EF
GH
001
ABC
D
EF
GH
010
ABC
D
E
FGH
011
ABCH
D
E
FG
100
ABC
DE
Not Used
FGH
101
ABCD
Not Used
EF
GH
110
ABCD
Not Used
E
FGH
111
ABCD
Not Used
Not Used
EFGH
Power Failure Reporting Via RST Pins
Power failure conditions are reported back by each buck’s
associated RST pin. Each buck switching regulator has an
internal power good (PGOOD) signal. When the regulated
output voltage of an enabled switcher falls below 98% for
Buck 1 or 95% for Bucks 2-4 of its programmed value,
the PGOOD signal is pulled low. If any PGOOD signal
stays low for greater than 100µs, then the associated
RST pin is pulled low, indicating to a microprocessor that
a power failure fault has occurred. The 100µs filter time
prevents the pin from being pulled low due to a transient.
The PGOOD signal has a 0.3% hysteresis such that when
the regulated output voltage of an enabled switcher rises
above 98.3% or 95.3%, respectively, of its programmed
value, the PGOOD signal transitions high.
OnceanenabledregulatorhasitsoutputPGOODfor202ms
(typical, CT = 10nF) its associated RST output goes Hi-Z.
Any disabled or inactive switchers will assert a RST low.
Temperature Monitoring and Overtemperature
Protection
To prevent thermal damage to the LTC3371 and its sur-
rounding components, the LTC3371 incorporates an
overtemperature (OT) function. When the LTC3371 die
temperature reaches 170°C (typical) all enabled buck
switchingregulatorsareshutdownandremaininshutdown
until the die temperature falls to 160°C (typical).
Thetemperaturemaybereadbackbytheuserbysampling
theTEMPpinanalogvoltage.Thetemperature,T,indicated
by the TEMP pin voltage is given by:
T =
VTEMP – 45mV
7mV
•1°C
(1)
If none of the buck switching regulators are enabled, then
the temperature monitor is also shut down to further
reduce quiescent current.
Programming the Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output voltage ripple.
The operating frequency for all of the LTC3371 regulators
is determined by an external resistor that is connected
between the RT pin and ground. The operating frequency
can be calculated using the following equation:
fOSC =
8 •1011•ΩHz
RT
(2)
While the LTC3371 is designed to function with operat-
ing frequencies between 1MHz and 3MHz, it has safety
clamps that will prevent the oscillator from running faster
than 4MHz (typical) or slower than 250kHz (typical). Tying
the RT pin to VCC sets the oscillator to the default internal
operating frequency of 2MHz (typical).
The LTC3371’s internal oscillator can be synchronized
through an internal PLL circuit to an external frequency
by applying a square wave clock signal to the PLL/MODE
pin. During synchronization, the top MOSFET turn-on of
Buck regulator 1 is phase locked to the rising edge of
the external frequency source. All other buck switching
regulators are locked to the appropriate phase of the
externalfrequencysource(seeBuckSwitchingRegulators).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com