Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 3 Page - Linear Technology

  LTC3371 Datasheet HTML 1Page - Linear Technology LTC3371 Datasheet HTML 2Page - Linear Technology LTC3371 Datasheet HTML 3Page - Linear Technology LTC3371 Datasheet HTML 4Page - Linear Technology LTC3371 Datasheet HTML 5Page - Linear Technology LTC3371 Datasheet HTML 6Page - Linear Technology LTC3371 Datasheet HTML 7Page - Linear Technology LTC3371 Datasheet HTML 8Page - Linear Technology LTC3371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC3371
3
3371fb
For more information www.linear.com/LTC3371
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VINA-H, FB1-4, EN1-4, VCC, CT, WDI, WDO, RST1-4,
RT, PLL/MODE, C1-3 ................................... –0.3V to 6V
TEMP .................. –0.3V to Lesser of (VCC + 0.3V) or 6V
IRST1-4, IWDO.............................................................5mA
(Note 1)
13 14 15 16
TOP VIEW
39
GND
UHF PACKAGE
38-LEAD (5mm
× 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
FB1
VINA
SWA
SWB
VINB
VINC
SWC
SWD
VIND
FB2
EN2
RST2
EN4
FB4
VINH
SWH
SWG
VING
VINF
SWF
SWE
VINE
FB3
EN3
23
22
21
20
9
10
11
12
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TOP VIEW
FE PACKAGE
38-LEAD PLASTIC TSSOP
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
VCC
TEMP
RST1
EN1
FB1
VINA
SWA
SWB
VINB
VINC
SWC
SWD
VIND
FB2
EN2
RST2
C1
C2
C3
PLL/MODE
RT
RST4
EN4
FB4
VINH
SWH
SWG
VING
VINF
SWF
SWE
VINE
FB3
EN3
RST3
CT
WDO
WDI
39
GND
TJMAX = 150°C, θJA = 25°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3371EUHF#PBF
LTC3371EUHF#TRPBF
3371
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3371IUHF#PBF
LTC3371IUHF#TRPBF
3371
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3371HUHF#PBF
LTC3371HUHF#TRPBF
3371
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 150°C
LTC3371EFE#PBF
LTC3371EFE#TRPBF
LTC3371FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3371IFE#PBF
LTC3371IFE#TRPBF
LTC3371FE
38-Lead Plastic TSSOP
–40°C to 125°C
LTC3371HFE#PBF
LTC3371HFE#TRPBF
LTC3371FE
38-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
http://www.linear.com/product/LTC3371#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com