Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 4 Page - Linear Technology

  LTC3371 Datasheet HTML 1Page - Linear Technology LTC3371 Datasheet HTML 2Page - Linear Technology LTC3371 Datasheet HTML 3Page - Linear Technology LTC3371 Datasheet HTML 4Page - Linear Technology LTC3371 Datasheet HTML 5Page - Linear Technology LTC3371 Datasheet HTML 6Page - Linear Technology LTC3371 Datasheet HTML 7Page - Linear Technology LTC3371 Datasheet HTML 8Page - Linear Technology LTC3371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC3371
4
3371fb
For more information www.linear.com/LTC3371
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VCC = VINA-H = 3.3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
VCC Voltage Range
l
2.7
5.5
V
VCC(UVLO)
Undervoltage Threshold on VCC
VCC Voltage Falling
VCC Voltage Rising
l
l
2.325
2.425
2.45
2.55
2.575
2.675
V
V
IVCC(ALLOFF)
VCC Input Supply Current
All Switching Regulators in Shutdown
15
25
µA
IVCC
VCC Input Supply Current
One Buck Active
PLL/MODE = 0V, RT = 400k,
VFB_BUCK = 0.85V
PLL/MODE = 2MHz
50
175
75
250
µA
µA
fOSC
Internal Oscillator Frequency
VRT = VCC, PLL/MODE = 0V
VRT = VCC, PLL/MODE = 0V
RT = 400k, PLL/MODE = 0V
l
l
1.8
1.75
1.8
2
2
2
2.2
2.25
2.2
MHz
MHz
MHz
fPLL/MODE
Synchronization Frequency
tLOW, tHIGH > 60ns
l
1
3
MHz
VPLL/MODE
PLL/MODE Level High
PLL/MODE Level Low
For Synchronization
For Synchronization
l
l
1.2
0.4
V
V
VRT
RT Servo Voltage
RT = 400k
l
780
800
820
mV
Temp Monitor
VTEMP(ROOM)
TEMP Voltage at 25°C
180
220
260
mV
ΔVTEMP/°C
VTEMP Slope
7
mV/°C
OT
Overtemperature Shutdown
170
°C
OT Hyst
Overtemperature Hysteresis
10
°C
1A Buck Regulators
VIN
Buck Input Voltage Range
l
2.25
5.5
V
VOUT
Buck Output Voltage Range
l
VFB
VIN
V
VIN(UVLO)
Undervoltage Threshold on VIN
VIN Voltage Falling
VIN Voltage Rising
l
l
1.95
2.05
2.05
2.15
2.15
2.25
V
V
IVIN
Burst Mode Operation Input Current
Forced Continuous Mode Operation Input Current
Shutdown Input Current
VFB = 0.85V (Note 4)
ISW(BUCK) = 0µA, FB = 0V
18
400
0
30
600
2.5
µA
µA
µA
IFWD
PMOS Current Limit
(Note 5)
1.9
2.3
2.7
A
VFB1
Feedback Regulation Voltage for Buck 1
l
792
800
808
mV
VFB
Feedback Regulation Voltage for Bucks 2-4
l
780
800
820
mV
IFB
Feedback Leakage Current
VFB = 0.85V
–50
50
nA
DMAX
Maximum Duty Cycle
VFB = 0V
l
100
%
RPMOS
PMOS On-Resistance
ISW = 100mA
300
mΩ
RNMOS
NMOS On-Resistance
ISW = –100mA
240
mΩ
ILEAKP
PMOS Leakage Current
EN = 0
–2
2
µA
ILEAKN
NMOS Leakage Current
EN = 0
–2
2
µA
tSS
Soft-Start Time
1
ms
VPGOOD(FALL)
Falling PGOOD Threshold for Buck 1
% of Regulated VFB
96.8
98
99.2
%
Falling PGOOD Threshold for Bucks 2 to 4
% of Regulated VFB
93
95
97
%
VPGOOD(HYS)
PGOOD Hysteresis for Bucks 1 to 4
% of Regulated VFB
0.3
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com