Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 5 Page - Linear Technology

  LTC3371 Datasheet HTML 1Page - Linear Technology LTC3371 Datasheet HTML 2Page - Linear Technology LTC3371 Datasheet HTML 3Page - Linear Technology LTC3371 Datasheet HTML 4Page - Linear Technology LTC3371 Datasheet HTML 5Page - Linear Technology LTC3371 Datasheet HTML 6Page - Linear Technology LTC3371 Datasheet HTML 7Page - Linear Technology LTC3371 Datasheet HTML 8Page - Linear Technology LTC3371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC3371
5
3371fb
For more information www.linear.com/LTC3371
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VCC = VINA-H = 3.3V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Buck Regulators Combined
IFWD2
PMOS Current Limit
2 Buck Power Stages Combined (Note 5)
4.6
A
IFWD3
PMOS Current Limit
3 Buck Power Stages Combined (Note 5)
6.9
A
IFWD4
PMOS Current Limit
4 Buck Power Stages Combined (Note 5)
9.2
A
Interface Logic Pins (RST1-4, WDO, WDI, PLL/MODE, C1, C2, C3)
IOH
Output High Leakage Current
RST1-4, WDO 5.5V at Pin
1
µA
VOL
Output Low Voltage
RST1-4, WDO 3mA into Pin
0.1
0.4
V
VIH
WDI Input High Threshold
l
1.2
V
VIL
WDI, C1, C2, C3 Input Low Threshold
l
0.4
V
tWDI(WIDTH)
WDI Pulse Width
l
40
ns
VIH
PLL/MODE, C1, C2, C3 Input High Threshold
l
VCC – 0.4
V
VIL
PLL/MODE Input Low Threshold
l
VCC – 1.2
V
Interface Logic Pins (EN1, EN2, EN3, EN4)
VHI(ALLOFF)
Enable Rising Threshold
All Regulators Disabled
l
730
1200
mV
VHI
Enable Rising Threshold
At Least One Regulator Enabled
l
400
420
mV
VLO
Enable Falling Threshold
340
390
mV
IEN
Enable Pin Leakage Current
EN = 3.3V
1
µA
CT Timing Parameters; CT = 10nF
tWDI0
Time from WDO Low Until Next WDO Low
CT = 10nF
l
10.3
6.2
12.9
12.9
15.5
Sec
Sec
tWDI
Time from Last WDI Until Next WDO Low
CT = 10nF
l
1.30
0.77
1.62
1.62
1.95
Sec
Sec
tWDL
Watchdog Lower Boundary
CT = 10nF
l
40
50.6
50.6
60
65
ms
ms
tWDO
WDO Low Time Absent a Transition at WDI
CT = 10nF
160
202
280
ms
tRST
RST Assertion Delay
CT = 10nF
160
202
240
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3371 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3371E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3371I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LTC3371H is guaranteed over the –40°C to 150°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes; operating lifetime is derated for junction temperatures
greater than 125°C. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors. The junction temperature
(TJ in °C) is calculated from the ambient temperature (TA in °C) and power
dissipation (PD in Watts) according to the formula:
TJ = TA + (PD • θJA)
where θJA (in °C/W) is the package thermal impedance.
Note 3: The LTC3371 includes overtemperature protection which protects
the device during momentary overload conditions. Junction temperatures
will exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
may impair device reliability.
Note 4: Static current, switches not switching. Actual current may be
higher due to gate charge losses at the switching frequency.
Note 5: The current limit features of this part are intended to protect the
IC from short term or intermittent fault conditions. Continuous operation
above the maximum specified pin current rating may result in device
degradation over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com