Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3371
Description  4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3371 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3371 Datasheet HTML 18Page - Linear Technology LTC3371 Datasheet HTML 19Page - Linear Technology LTC3371 Datasheet HTML 20Page - Linear Technology LTC3371 Datasheet HTML 21Page - Linear Technology LTC3371 Datasheet HTML 22Page - Linear Technology LTC3371 Datasheet HTML 23Page - Linear Technology LTC3371 Datasheet HTML 24Page - Linear Technology LTC3371 Datasheet HTML 25Page - Linear Technology LTC3371 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC3371
22
3371fb
For more information www.linear.com/LTC3371
TYPICAL APPLICATIONS
LTC3371
EXPOSED PAD
2.2µH
VINA
SWA
SWB
SWC
SWD
FB1
VINH
SWH
SWG
SWF
FB4
3371 TA04
2.2µH
511k
511k
324k
649k
1.6V
3A
1.2V
4A
2.7V TO 5.5V
100µF
68µF
10µF
10µF
10µF
10µF
10µF
10µF
10µF
10µF
VINB
VING
VINC
VINF
2.2µH
VIND
RT
CT
FB2
EN2
C1
C2
C3
EN1
EN3
EN4
PLL/MODE
VINE
SWE
FB3
RST1
RST3
RST4
WDO
WDI
TEMP
RST2
VCC
MICROPROCESSOR
CONTROL
665k
309k
1M
1M
2.5V
1A
22µF
10µF
MICROPROCESSOR
CONTROL
NO CONNECT
Combined Buck Regulators with Common Input Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com