Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC7130 Datasheet HTML 2Page - Linear Technology LTC7130 Datasheet HTML 3Page - Linear Technology LTC7130 Datasheet HTML 4Page - Linear Technology LTC7130 Datasheet HTML 5Page - Linear Technology LTC7130 Datasheet HTML 6Page - Linear Technology LTC7130 Datasheet HTML 7Page - Linear Technology LTC7130 Datasheet HTML 8Page - Linear Technology LTC7130 Datasheet HTML 9Page - Linear Technology LTC7130 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC7130
6
7130fb
For more information www.linear.com/LTC7130
INTVCC Line Regulation
Current Sense Threshold
vs ITH Voltage
Maximum Current Sense Threshold
vs Common Mode Voltage
VITH (V)
0
–10
–5
5
10
15
40
25
0.5
1.0 1.25
7130 G12
0
30
35
20
0.25
0.75
1.5 1.75 2.0
ILIM = 0V
ILIM = 1/4 INTVCC
ILIM = 1/2 INTVCC
ILIM = 3/4 INTVCC
ILIM = INTVCC
VSENSE COMMON MODE VOLTAGE (V)
0
20
30
4.0
7130 G13
10
0
1.0
2.0
3.0
0.5
1.5
2.5
3.5
40
15
25
5
35
ILIM = INTVCC
ILIM = 0V
ILIM = 3/4 INTVCC
ILIM = 1/4 INTVCC
ILIM = 1/2 INTVCC
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Shutdown (RUN) Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
Oscillator Frequency
vs Temperature
TK/SS Pull-Up Current
vs Temperature
Maximum Current Sense
Threshold Voltage vs Feedback
Voltage (Current Foldback)
FEEDBACK VOLTAGE (V)
0
15
20
25
0.3
0.5
7130 G14
10
5
0
0.1
0.2
0.4
30
35
40
0.6
ILIM = INTVCC
ILIM = 3/4 INTVCC
ILIM = 1/2 INTVCC
ILIM = 1/4 INTVCC
ILIM = 0V
TEMPERATURE (°C)
7130 G15
–50 –25
0
25
50
75
100 125
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
TEMPERATURE (°C)
7130 G16
1.00
1.20
1.30
1.10
1.40
1.15
1.25
1.05
1.35
–50 –25
0
25
50
75
100 125
ON
OFF
–50 –25
0
25
50
75
100 125
TEMPERATURE (°C)
598.5
599.0
599.5
600.0
600.5
7130 G17
601.0
601.5
–50 –25
0
25
50
75
100 125
TEMPERATURE (°C)
7130 G18
500
550
450
400
600
475
525
425
575
VFREQ = 1.2V
INPUT VOLTAGE (V)
0
5
10
15
20
0
1
2
4
5
6
CC
7130 G11
Tracking Up and Down with
TK/SS External Ramp
VTK/SS
0.2V/DIV
VOUT
0.5V/DIV
20ms/DIV
7130 G10
VIN = 12V
VOUT = 1.5V
1 LOAD
0V
VTK/SS
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com