Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC7130 Datasheet HTML 28Page - Linear Technology LTC7130 Datasheet HTML 29Page - Linear Technology LTC7130 Datasheet HTML 30Page - Linear Technology LTC7130 Datasheet HTML 31Page - Linear Technology LTC7130 Datasheet HTML 32Page - Linear Technology LTC7130 Datasheet HTML 33Page - Linear Technology LTC7130 Datasheet HTML 34Page - Linear Technology LTC7130 Datasheet HTML 35Page - Linear Technology LTC7130 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LTC7130
36
7130fb
For more information www.linear.com/LTC7130
LINEAR TECHNOLOGY CORPORATION 2016
LT 0517 REV B • PRINTED IN USA
www.linear.com/LTC7130
RELATED PARTS
TYPICAL APPLICATION
5V/5A Step-Down Converter
PART NUMBER
DESCRIPTION
COMMENTS
LTC3605/
LTC3605A
20V, 5A Synchronous Step-Down Regulator
4V < VIN < 20V, 0.6V < VOUT < 20V, 96% Max Efficiency, 4mm × 4mm
QFN-24 Package
LTC3633A
LTC3633A-1
Dual Channel 3A, 20V Monolithic Synchronous
Step-Down Regulator
3.6V < VIN < 20V, 0.6V < VOUT < VIN, 95% Max Efficiency, 4mm × 5mm
QFN-28 and TSSOP-28 Package
LTC3622
17V, Dual 1A Synchronous Step-Down Regulator with
Ultralow Quiescent Current
2.7V < VIN < 17V, 0.6V < VOUT < VIN, 95% Max Efficiency, 3mm × 4mm
DFN-14 and MSOP-16 Package
LTC3613
24V, 15A Monolithic Step-Down Regulator with
Differential Output Sensing
4.5V < VIN < 24V, 0.6V < VOUT < 5.5V, 0.67% Output Voltage Accuracy,
Valley Current Mode, Programmable from 200kHz to 1MHz, Current
Sensing, 7mm × 9mm QFN-56 Package
LTC3624
17V, 2A Synchronous Step-Down Regulator with
3.5μA Quiescent Current
2.7V < VIN < 17V, 0.6V < VOUT < VIN, 95% Max Efficiency, 3.5μA IQ,
Zero-Current Shutdown, 3mm × 3mm DFN-8 Package
LTM®4639
Low VIN 20A DC/DC μModule® Step-Down Regulator
Complete 20A Switch Mode Power Supply, 2.375V < VIN < 7V, 0.6V < VOUT
< 5.5V, 1.5% Max Total DC Output Voltage Error, Differential Remote
Sense Amp, 15mm × 15mm BGA Package
LTM4637
20A DC/DC μModule Step-Down Regulator
Complete 20A Switch Mode Power Supply, 4.5V < VIN < 20V, 0.6V < VOUT
< 5.5V, 1.5% Max Total DC Output Voltage Error, Differential Remote
Sense Amp, 15mm × 15mm BGA or LGA Package
7130 TA02
VOUT
5V
5A
VIN
12V
1.8µH
DCR = 4.05m,
COILCRAFT
XAL7070-182ME
COUT
470µF
×2
100µF
×2
4.7µF
1µF
180µF
x2
10µF
x2
100pF
0.1µF
2.2nF
PINS NOT USED
IN THIS CIRCUIT:
100k
28.7k
ITEMP
CLKOUT
DIFFOUT
1.82k
220nF
2.2
INTVCC
TK/SS
ITH
GND
SVIN
FREQ
SNS–
EXTVCC
SNSA+
SW
BOOST
DIFFN
DIFFP
MODE/PLLIN
SNSD+
RUN
SGND
ILIM
VIN
LTC7130
PGOOD
120k
20k
147k
VFB
CMDSH3
0.22µF
2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com