Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 3 Page - Linear Technology

  LTC7130 Datasheet HTML 1Page - Linear Technology LTC7130 Datasheet HTML 2Page - Linear Technology LTC7130 Datasheet HTML 3Page - Linear Technology LTC7130 Datasheet HTML 4Page - Linear Technology LTC7130 Datasheet HTML 5Page - Linear Technology LTC7130 Datasheet HTML 6Page - Linear Technology LTC7130 Datasheet HTML 7Page - Linear Technology LTC7130 Datasheet HTML 8Page - Linear Technology LTC7130 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
LTC7130
3
7130fb
For more information www.linear.com/LTC7130
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VRUN = 5V unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IFB
Feedback Current
(Note 4)
–15
–50
nA
VREFLNREG
Reference Voltage Line
Regulation
VIN = 4.5V to 20V (Note 4)
0.002
0.02
%
VLOADREG
Output Voltage Load
Regulation
(Note 4)
Measured in Servo Loop; ∆ITH Voltage = 1.2V to 0.7V
Measured in Servo Loop; ∆ITH Voltage = 1.2V to 1.6V
l
l
0.01
0.01
0.1
0.1
%
%
gm
Error Amplifier (EA)
Transconductance
ITH =1.2V, Sink/Source 5µA (Note 4)
2
mmho
IQ
Input DC Supply Current
Normal Mode
Shutdown
(Note 5)
VRUN = 0V
3.8
30
50
mA
µA
UVLO
Undervoltage Lockout
VINTVCC Ramping Down
3.4
3.75
4.1
V
UVLOHYS
UVLO Hysteresis Voltage
0.5
V
VFBOVL
Feedback Overvoltage Lockout Measured at VFB
l
0.64
0.66
0.68
V
ISNSD+
SNSD+ Pin Bias Current
VSNSD+ = 3.3V
30
100
nA
ISNSA+
SNSA+ Pin Bias Current
VSNSA+ = 3.3V
1
2
µA
AVT_SNS
Total Sense Signal Gain to
Current Comparator
5
V/V
VSENSE(MAX) Maximum Current Sense
Threshold
–40°C to 125°C
VSNS– = 1.8V, ILIM = 0V
ILIM = 1/4VINTVCC
ILIM = 1/2VINTVCC or Float
ILIM = 3/4VINTVCC
ILIM = VINTVCC
l
l
l
l
l
8.8
14
19
23.5
28.3
10
15
20
25
30
11.2
16
21
26.5
31.7
mV
mV
mV
mV
mV
ITEMP
DCR Temperature
Compensation Current
VITEMP = 0.3V
l
9
10
11
µA
ITK/SS
Soft-Start Charge Current
VTK/SS = 0V
l
1.0
1.25
1.5
µA
VRUN
RUN Pin on Threshold Voltage VRUN Rising
l
1.1
1.22
1.35
V
VRUN(HYS)
RUN Pin on Hysteresis
Voltage
80
mV
tON(MIN)
Minimum On-Time
(Note 6)
90
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 20V
5.25
5.5
5.75
V
Load Regulation
IINTVCC = 0mA to 20mA
0.5
2
%
VEXTVCC
External VCC Switchover
Voltage
EXTVCC Ramping Positive
4.5
4.7
V
EXTVCC Voltage Drop
IEXTVCC = 20mA, VEXTVCC = 5.5V
40
100
mV
EXTVCC Hysteresis
250
mV
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VFREQ = 1.2V
450
500
550
kHz
fLOW
Lowest Frequency
VFREQ = 0.4V
225
250
275
kHz
fHIGH
Highest Frequency
VFREQ > 2.4V
700
770
850
kHz
RMODE/PLLIN MODE/PLLIN Input Resistance
250
kΩ
IFREQ
Frequency Setting Current
9
10
11
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com