Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC7130 Datasheet HTML 4Page - Linear Technology LTC7130 Datasheet HTML 5Page - Linear Technology LTC7130 Datasheet HTML 6Page - Linear Technology LTC7130 Datasheet HTML 7Page - Linear Technology LTC7130 Datasheet HTML 8Page - Linear Technology LTC7130 Datasheet HTML 9Page - Linear Technology LTC7130 Datasheet HTML 10Page - Linear Technology LTC7130 Datasheet HTML 11Page - Linear Technology LTC7130 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC7130
8
7130fb
For more information www.linear.com/LTC7130
PIN FUNCTIONS
FREQ (B7): Oscillator Frequency Control Input. A 10µA
current source flows out of this pin. Connecting a resistor
between this pin and ground sets a DC voltage which in
turn programs the oscillator frequency. Alternatively, this
pin can be driven with a DC voltage to vary the frequency
of the internal oscillator.
RUN (B6): Run Control Input. A voltage above 1.22V
turns on the IC. Pulling this pin below 1.1V causes the IC
to shut down. There is a 1μA pull-up current for the pin.
Once the RUN pin rises above 1.22V, an additional 4.5μA
pull-up current is added to the pin.
TK/SS (B5): Output Voltage Tracking and Soft-Start Input.
Aninternalsoft-startcurrentof1.25μAchargestheexternal
soft-start capacitor connected to this pin.
ITH (A5): Current Control Threshold and Error Ampli-
fier Compensation Pin. The current comparator tripping
threshold is proportional with this voltage.
VFB(A6):ErrorAmplifierFeedbackInput.Thispinreceives
the remotely sensed feedback voltage to set the output
voltage through an external resistive divider connected to
the DIFFOUT pin or the output.
DIFFOUT (A4): Output of Remote Sensing Differential
Amplifier. Connect this pin to VFB through a resistive
divider to set the desired output voltage.
DIFFN (A2): Negative Input of Remote Sensing Differen-
tial Amplifier. Connect this pin close to the ground of the
output load.
DIFFP (A3): Positive Input of Remote Sensing Differential
Amplifier. Connect this pin close to the output load.
SNSD+ (B1): DC Current Sense Comparator Input. The (+)
outputtotheDCcurrent.Comparatorisnormallyconnected
to a DC current sensing network with a time constant that
matches the bandwidth, L/DCR, of the inductor.
SNS– (B2): Negative Current Sense Input. This negative
input of the current comparator is to be connected to the
output.
SNSA+ (C1): AC Current Sense Comparator Input. The (+)
outputtotheACcurrentcomparatorisnormallyconnected
toaDCRsensingnetwork.WhencombinedwiththeSNSD+
pin, the DCR sensing network can be skewed to increase
the AC ripple voltage by a factor of 5.
ILIM(C2):CurrentComparatorSenseVoltageLimit.Apply
a DC voltage to set the maximum current sense threshold
for the current comparator.
CLKOUT (C3): Clock Output Pin. The CLKOUT signal is
180° out of phase to the rising edge of the IC internal clock.
GND (D2, D3, D4, E1, E2, E3, F2, F3, G4, G5, G6, H4,
H5, H6, H7, J4, J5, J6, J7): Power Ground. Connect
this pin closely to the (–) terminal of CVCC and the (–)
terminal of CIN.
SW (G1, G2, G3, H1, H2, H3, J1, J2, J3): Switch Node
Connection. Connect this pin to the output filter induc-
tor, bottom N-channel MOSFET drain and top N-channel
MOSFET source. Voltage swing at these pins is from a
Schottkydiode(external)voltagedropbelowgroundtoVIN.
BOOST (F1): Boosted Top Gate Driver Supply. The (+)
terminal of the bootstrap capacitor connects to this pin.
This pin swings from a diode voltage drop below INTVCC
up to VIN + INTVCC.
INTVCC (D1): Internal 5.5V Regulator Output. The internal
control circuits are powered from this voltage. Decouple
this pin to PGND with a 4.7μF low ESR tantalum or ce-
ramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com