Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC7130 Datasheet HTML 18Page - Linear Technology LTC7130 Datasheet HTML 19Page - Linear Technology LTC7130 Datasheet HTML 20Page - Linear Technology LTC7130 Datasheet HTML 21Page - Linear Technology LTC7130 Datasheet HTML 22Page - Linear Technology LTC7130 Datasheet HTML 23Page - Linear Technology LTC7130 Datasheet HTML 24Page - Linear Technology LTC7130 Datasheet HTML 25Page - Linear Technology LTC7130 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC7130
22
7130fb
For more information www.linear.com/LTC7130
APPLICATIONS INFORMATION
excellent choices are the AVX TPS, AVX TPSV, the KEMET
T510 series of surface mount tantalums or the Panasonic
SP series of surface mount special polymer capacitors
availableincaseheightsrangingfrom2mmto4mm.Other
capacitor types include Sanyo POSCAP, Sanyo OS-CON,
Nichicon PL series and Sprague 595D series. Consult the
manufacturers for other specific recommendations.
Differential Amplifier
The LTC7130 has true remote voltage sense capability.
The sense connections should be returned from the load,
back to the differential amplifier’s inputs through a com-
mon, tightly coupled pair of PC traces. The differential
amplifier rejects common mode signals capacitively or
inductively radiated into the feedback PC traces as well
as ground loop disturbances. The LTC7130 diffamp has
80kΩ input impedance on DIFFP. It is designed to be con-
nected directly to the output. The output of the diffamp
connects to the VFB pin through a voltage divider, setting
the output voltage.
External Soft-Start and Tracking
The LTC7130 has the ability to either soft-start by itself
or track the output of another channel or external supply.
When the controller is configured to soft-start by itself, a
capacitor may be connected to its TK/SS pin or the internal
soft-start may be used. The controller is in the shutdown
state if its RUN pin voltage is below 1.1V and its TK/SS
pin is actively pulled to ground in this shutdown state. If
the RUN pin voltage is above 1.22V, the controller powers
up. A soft-start current of 1.25µA then starts to charge the
TK/SS soft-start capacitor. Note that soft-start or tracking
is achieved not by limiting the maximum output current
of the controller but by controlling the output ramp volt-
age according to the ramp rate on the TK/SS pin. Current
foldback is disabled during this phase to ensure smooth
soft-start or tracking. The soft-start or tracking range is
defined to be the voltage range from 0V to 0.6V on the
TK/SS pin. The total soft-start time can be calculated as:
tSOFTSTART = 0.6 •
CSS
1.25µA
Regardless of the mode selected by the MODE/PLLIN pin,
the controller always starts in discontinuous mode up to
TK/SS = 0.5V. Between TK/SS = 0.5V and 0.54V, it will
operate in forced continuous mode and revert to the
selected mode once TK/SS > 0.54V. The output ripple
is minimized during the 40mV forced continuous mode
window, ensuring a clean PGOOD signal. When the chan-
nel is configured to track another supply, the feedback
voltage of the other supply is duplicated by a resistor
divider and applied to the TK/SS pin. Therefore, the volt-
age ramp rate on this pin is determined by the ramp rate
of the other supply’s voltage. It is only possible to track
another supply that is slower than the internal soft-start
ramp. Note that the small soft-start capacitor charging
current is always flowing, producing a small offset error.
To minimize this error, select the tracking resistive divider
value to be small enough to make this error negligible.
In order to track down another channel or supply after
the soft-start phase expires, the LTC7130 is forced into
continuous mode of operation as soon as VFB is below the
undervoltage threshold of 0.54V regardless of the setting
on the MODE/PLLIN pin. However, the LTC7130 should
always be set in forced continuous mode tracking down
when there is no load. After TK/SS drops below 0.1V, the
controller operates in discontinuous mode.
The LTC7130 allows the user to program how its output
ramps up and down by means of the TK/SS pin. Through
these pins, the output can be set up to either coinciden-
tally or ratiometrically track another supply’s output, as
shown in Figure 10. In the following discussions, VOUT2
refers to the LTC7130’s output as a slave and VOUT1 refers
to another supply output as a master. To implement the
coincident tracking in Figure 10a, connect an additional
resistive divider to VOUT1 and connect its mid-point to the
TK/SS pin of the slave controller. The ratio of this divider
should be the same as that of the slave controller’s feed-
back divider shown in Figure 11a. In this tracking mode,
VOUT1 must be set higher than VOUT2. To implement the
ratiometric tracking in Figure 10b, the ratio of the VOUT2
divider should be exactly the same as the master control-
ler’s feedback divider shown in Figure 11b . By selecting
different resistors, the LTC7130 can achieve different
modes of tracking including the two in Figure 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com