Electronic Components Datasheet Search
  English  ▼

X  

LTC7130 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC7130
Description  20V 20A Monolithic Buck Converter with Ultralow DCR Sensing
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7130 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC7130 Datasheet HTML 5Page - Linear Technology LTC7130 Datasheet HTML 6Page - Linear Technology LTC7130 Datasheet HTML 7Page - Linear Technology LTC7130 Datasheet HTML 8Page - Linear Technology LTC7130 Datasheet HTML 9Page - Linear Technology LTC7130 Datasheet HTML 10Page - Linear Technology LTC7130 Datasheet HTML 11Page - Linear Technology LTC7130 Datasheet HTML 12Page - Linear Technology LTC7130 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC7130
9
7130fb
For more information www.linear.com/LTC7130
PIN FUNCTIONS
SVIN (D5): Main Input Supply. Decouple this pin to PGND
with a capacitor (0.1μF to 1μF). For applications where
the main input power is 5V, tie the SVIN and INTVCC pins
together.
VIN (E4, E5, E6, E7, F4, F5, F6, F7, G7): Main Input
Supply. These pins connect to the drain of the internal
power MOSFETs. Decouple this pin to GND with the input
capacitance CIN.
EXTVCC (D7): External Supply Voltage Input. Whenever
an external voltage supply greater than 4.7V is connected
to this pin, an internal switch will close and bypass the
internal low dropout regulator, and the external supply will
power the IC. Do not exceed 6V on this pin and ensure
VIN > VEXTVCC at all times.
ITEMP (D6): Temperature DCR Compensation Input. Con-
nect to a NTC (negative tempco) resistor placed near the
output inductor to compensate for its DCR change over
temperature. Floating this pin or tying it to INTVCCdisables
the DCR temperature compensation function.
PGOOD (C7): Power Good Indicator Output. Open-drain
logic out that is pulled to ground when the output exceeds
the 10% regulation window, after the internal 20μs power
bad mask timer expires.
MODE/PLLIN (C6): Mode Operation or External Clock
Synchronization. Connect this pin to SGND to set the
continuous mode of operation. Connect to INTVCC to en-
able pulse-skipping mode of operation. Leaving the pin
floating will enable Burst Mode operation. A clock signal
applied to the pin will force the controller into continuous
modeofoperationandsynchronizestheinternaloscillator.
SGND (B3, B4, C4, C5): Signal Ground. This is the ground
of the controller. Connect compensation components and
output setting resistors to this ground.
NC(A1,A7):Donotconnect.Thesepinsarenotconnected
to anything internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com