Electronic Components Datasheet Search
  English  ▼

X  

THCV213 Datasheet(PDF) 6 Page - THine Electronics, Inc.

Part # THCV213
Description  LVDS SerDes transmitter and receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV213 Datasheet(HTML) 6 Page - THine Electronics, Inc.

Back Button THCV213 Datasheet HTML 2Page - THine Electronics, Inc. THCV213 Datasheet HTML 3Page - THine Electronics, Inc. THCV213 Datasheet HTML 4Page - THine Electronics, Inc. THCV213 Datasheet HTML 5Page - THine Electronics, Inc. THCV213 Datasheet HTML 6Page - THine Electronics, Inc. THCV213 Datasheet HTML 7Page - THine Electronics, Inc. THCV213 Datasheet HTML 8Page - THine Electronics, Inc. THCV213 Datasheet HTML 9Page - THine Electronics, Inc. THCV213 Datasheet HTML 10Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
THCV213-214_Rev.2.40_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
6/19
Electrical Characteristics
CMOS/TTL DC Specifications
THCV213: VDD=VDD=LVDSVDD=PLLVDD, THCV214: VDD=VDD=VDDO=LVDSVDD=PLLVDD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High Level Input Voltage
2.0
-
VDD
V
VIL
Low Level Input Voltage
GND
-
0.8
V
VOH
High Level Output Voltage
VDD= 3.0V ~ 3.6V
IOH = -4mA
2.4
-
-
V
VOL
Low Level Output Voltage
VDD= 3.0V ~ 3.6V
IOL=4mA
-
-
0.4
V
IIL
Input Leak Current
0V ≤ VIN ≤ VDD
-
-
±10
uA
THCV213 DC Specifications
VDD=VDD=LVDSVDD=PLLVDD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOD
Differential Output Voltage
RL=100Ω,
PRE<1:0>=L,L
250
350
450
mV
ΔVOD
Change in VOD between
complementary output states
RL=100Ω,
PRE<1:0>=L,L
-
-
35
mV
VOC
Common Mode Voltage
RL=100Ω,
PRE<1:0>=L,L
1.125
1.25
1.375
V
ΔVOC
Change in VOC between
complementary output states
RL=100Ω,
PRE<1:0>=L,L
-
-
35
mV
IOS
Output Short Circuit Current
VOUT=0V,RL=100Ω
-
-
24
mA
IOZ
Output TRI-STATE Current
PDWN=L,
VOUT=0V to VDD
-
-
±10
uA
THCV214 DC Specifications
VDD=VDD=VDDO=LVDSVDD=PLLVDD
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VTH
Differential Input High Threshold
VIC = +1.2V
-
-
100
mV
VTL
Differential Input Low Threshold
-100
-
-
mV
IILD
Differential Input Leakage Current
VIN = 2.4V/0V
VDD = 3.6V
-
-
±10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com