Electronic Components Datasheet Search
  English  ▼

X  

THCV213 Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THCV213
Description  LVDS SerDes transmitter and receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV213 Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THCV213 Datasheet HTML 1Page - THine Electronics, Inc. THCV213 Datasheet HTML 2Page - THine Electronics, Inc. THCV213 Datasheet HTML 3Page - THine Electronics, Inc. THCV213 Datasheet HTML 4Page - THine Electronics, Inc. THCV213 Datasheet HTML 5Page - THine Electronics, Inc. THCV213 Datasheet HTML 6Page - THine Electronics, Inc. THCV213 Datasheet HTML 7Page - THine Electronics, Inc. THCV213 Datasheet HTML 8Page - THine Electronics, Inc. THCV213 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
THCV213-214_Rev.2.40_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
4/19
THCV214 Pin Description
PIN Name
PIN No
Type
Description
RXIN-, RXIN+
41, 42
LVDSIN
LVDS input.
D17-D0
8, 9, 10, 11, 13,
14, 15, 16, 17,
19, 20, 21, 22,
23, 25, 26, 27, 28
OUT
Data outputs.
SYNC0-SYNC2
32, 33, 34
OUT
Sync output.
DE
31
OUT
Data Enable (DE) output.
CLKOUT
6
OUT
Clock output.
LOCKN
36
OUT
Lock detects output.
H: Unlock, L: Lock.
Can be used as an input signal detector, too.
PDWN
3
IN
H: Normal operation.
L: Power Down, all outputs except LOCKN and
CLKOUT are held low. Refer to Fig9 for details.
(Note1)
EDGE
38
IN
Output clock triggering edge select.
H: Rise edge, L: Fall edge.
OE
39
IN
Output Enable.
(DE, SYNC0-SYNC2, D0-D17,CLKOUT)
H: Output disabled, all outputs are Hi-Z.
L: Output enabled. (Note1)
MODE1, MOD0
1, 2
IN
Select operation mode.
Both must be tied to GND.
MOD0
MOD1
L
L
Normal Mode
Shake Hand Mode
Others
Not Available
RESERVED0
4
IN
Must be tied to GND.
RESERVED1
45
IN
Must be tied to LVDSGND.
RESERVED2
46
IN
Must be tied to LVDSGND.
VDD
35
Power
Power supply pin for digital circuitry.
GND
30, 37
Power
Ground pins for digital circuitry.
LVDSVDD
44
Power
Power supply pin for LVDS input.
LVDSGND
40,43
Power
Ground pins for LVDS input.
PLLVDD
48
Power
Power supply pin for PLL circuitry.
PLLGND
47
Power
Ground pin for PLL circuitry.
VDDO
5, 12, 24
Power
Power supply pins for TTL output.
GNDO
7, 18, 29
Power
Ground pins for TTL output.
Note1: The state of outputs determined by the combination of OE and PDWN is as follow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com