Electronic Components Datasheet Search
  English  ▼

X  

THCV213 Datasheet(PDF) 16 Page - THine Electronics, Inc.

Part # THCV213
Description  LVDS SerDes transmitter and receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV213 Datasheet(HTML) 16 Page - THine Electronics, Inc.

Back Button THCV213 Datasheet HTML 11Page - THine Electronics, Inc. THCV213 Datasheet HTML 12Page - THine Electronics, Inc. THCV213 Datasheet HTML 13Page - THine Electronics, Inc. THCV213 Datasheet HTML 14Page - THine Electronics, Inc. THCV213 Datasheet HTML 15Page - THine Electronics, Inc. THCV213 Datasheet HTML 16Page - THine Electronics, Inc. THCV213 Datasheet HTML 17Page - THine Electronics, Inc. THCV213 Datasheet HTML 18Page - THine Electronics, Inc. THCV213 Datasheet HTML 19Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
THCV213-214_Rev.2.40_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
16/19
This function is normally to be used for analyzing the signal integrity of the transmission channel including
PCB traces, connectors, and cables.
THCV214 Lock/Input Detect (LOCKN)
When the PLL of THCV214 has locked to the incoming data stream, it drives LOCKN low. And then
TTL/CMOS outputs become valid. This LOCKN signal can also be used as an indicator of whether the incoming
data is valid or not.
This pin is to be connected to the transmitter INIT pin with a cable in the Shake Hand mode.
THCV214 Power Down (PDWN)
THCV214 is set as the Power Down mode when PDWN is low. All the internal circuitry and input buffers turn
off, and all outputs except LOCKN and CLKOUT are held low. The LOCKN pin is driven high when in the
Power Down mode. The CLKOUT is fixed one way or the other depending on the EDGE input. Refer to Fig. 9.
THCV214 EDGE
The polarity of the EDGE pin selects which edge (rising or falling) of the output clock by which the output data
are latched out. When EDGE is set high, the receiver uses the falling edge of the output clock to put out the data
so that the next-stage chip can use the rising edge of the clock to latch in the data with the maximum setup/hold
time margin, and vice versa. Select its polarity according to the next-stage chip input characteristics.
THCV214 Output Enable (OE)
The OE pin can disable TTL/CMOS outputs and place them in Hi-Z. Thus THCV214’s TTL/CMOS outputs
can be bused so that the receiver can be used in an application where there are multiple video sources and one
display.
THCV214 MOD1,0
Both MOD1 and MOD0 must be tied to GND. The receiver enters into an appropriate operation mode by itself.
Cables and Connectors
In a system with high speed digital signals, a special care must be taken to avoid loss and degradation of the
signals due to limited bandwidth and impedance mismatch along the transmission line. Characteristic impedance
of PCB traces, cables, and connectors must be tightly controlled.
Use cables that have a differential characteristic impedance of 100Ω. Shielded twisted pair cables are
recommended for increasing noise immunity and lowering EMI.
Connectors are recommended that cause minimum discontinuities in terms of characteristic impedance and
geometry of the transmission path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com