Electronic Components Datasheet Search
  English  ▼

X  

THCV213 Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THCV213
Description  LVDS SerDes transmitter and receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV213 Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THCV213 Datasheet HTML 1Page - THine Electronics, Inc. THCV213 Datasheet HTML 2Page - THine Electronics, Inc. THCV213 Datasheet HTML 3Page - THine Electronics, Inc. THCV213 Datasheet HTML 4Page - THine Electronics, Inc. THCV213 Datasheet HTML 5Page - THine Electronics, Inc. THCV213 Datasheet HTML 6Page - THine Electronics, Inc. THCV213 Datasheet HTML 7Page - THine Electronics, Inc. THCV213 Datasheet HTML 8Page - THine Electronics, Inc. THCV213 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
THCV213-214_Rev.2.40_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
1/19
THCV213 and THCV214
LVDS SerDes transmitter and receiver
General Description
THCV213 and THCV214 are designed to support
pixel data transmission between the Host and Display.
The chipset can transmit 18bit data and 4bit control
data through only a single differential cable at a pixel
clock frequency from 5MHz to 40MHz.
By V-by-One® technologies, unique encoding
scheme and proprietary CDR technique, a link
synchronization is achieved without any external
frequency reference such as a crystal oscillator. It
drastically improves the cost and space of PCBs of a
display system.
THCV213 transmitter converts input data into a
single LVDS serial data stream with the embedded
clock. It supports pre-emphasis for a long cable
transmission.
THCV214 receiver extracts the clock from the
embedded clock and transforms the serial data stream
back into the parallel data.
To confirm the reliability of the link, several
functions are supported. THCV213 can transmit the
SYNC pattern which expedites the link establishment.
THCV214 has an indicator of its PLL status.
Features
Transmit 18bit data and 4bit control data via a
single differential cable
Wide frequency range: 5MHz to 40MHz
Support SYNC pattern and LOCK indicator
Pre Emphasis mode
Clock edge selectable
Dual Display mode
Power Down mode
Low power single 3.3V CMOS design
48pin TQFP
AEC-Q100 ESD Protection
Block Diagram


Similar Part No. - THCV213

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
LVDS SerDes transmitter and receiver
More results

Similar Description - THCV213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
LVDS SERDES TRANSMITTER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
LVDS SERDES RECEIVER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
LVDS SERDES TRANSMITTER
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
LVDS SERDES RECEIVER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
LVDS SERDES TRANSMITTER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
LVDS SERDES RECEIVER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
LVDS SERDES TRANSMITTER
SN65LVDS93 TI1-SN65LVDS93_15 Datasheet
838Kb / 19P
LVDS SERDES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com