Electronic Components Datasheet Search
  English  ▼

X  

THCV213 Datasheet(PDF) 5 Page - THine Electronics, Inc.

Part # THCV213
Description  LVDS SerDes transmitter and receiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV213 Datasheet(HTML) 5 Page - THine Electronics, Inc.

  THCV213 Datasheet HTML 1Page - THine Electronics, Inc. THCV213 Datasheet HTML 2Page - THine Electronics, Inc. THCV213 Datasheet HTML 3Page - THine Electronics, Inc. THCV213 Datasheet HTML 4Page - THine Electronics, Inc. THCV213 Datasheet HTML 5Page - THine Electronics, Inc. THCV213 Datasheet HTML 6Page - THine Electronics, Inc. THCV213 Datasheet HTML 7Page - THine Electronics, Inc. THCV213 Datasheet HTML 8Page - THine Electronics, Inc. THCV213 Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
THCV213-214_Rev.2.40_E
Copyright©2014 THine Electronics, Inc.
THine Electronics, Inc.
5/19
Table1. Output State determined by OE and PDWN (THCV214)
OE
PDWN
Output State
L
H
Normal Operation.
L
L
All outputs except LOCKN and CLKOUT are held low.
LOCKN is held high.
CLKOUT is driven high when EDGE input is high and is driven low
when EDGE input is low.
H
H
All outputs are Hi-Z.
H
L
All outputs are Hi-Z.
Table2. Requirements for DE input
Operation Mode
DE = High
DE = Low
Normal
Min. 2tTCIP (See Fig. 5 for tTCIP )
Max. 80usec
Min. 50tTCIP (See Fig. 5 for tTCIP )
Shake Hand
Min. 2tTCIP (See Fig. 5 for tTCIP )
Min. 2tTCIP (See Fig. 5 for tTCIP )
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Supply Voltage (VDD)
-0.3
-
4.0
V
CMOS/TTL Input Voltage
-0.3
-
VDD +0.3
V
CMOS/TTL Output Voltage
-0.3
-
VDD +0.3
V
LVDS Receiver Input Voltage
-0.3
-
VDD +0.3
V
Output Current
-30
-
30
mA
Junction Temperature
-
-
125
°C
Storage Temperature Range
-55
-
125
°C
Reflow Peak Temperature / Time
-
-
260/10
°C/sec
Maximum Power Dissipation @+25°C
-
-
1.9
W
ESD Protection AEC-Q100-002(HBM)
-
±2
-
kV
ESD Protection AEC-Q100-003(MM)
-
±200
-
V
ESD Protection AEC-Q100-011(CDM) (Corner.750)
-
±500
-
V
Operation Condition
Parameter
Consumer
Industrial
Min
Typ
Max
Min
Typ
Max
Unit
Supply Voltage
3.0
3.3
3.6
3.0
3.3
3.6
V
Operating Ambient Temperature
0
-
70
-40
-
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com