Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4622
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4622 Datasheet HTML 2Page - Linear Technology LTM4622 Datasheet HTML 3Page - Linear Technology LTM4622 Datasheet HTML 4Page - Linear Technology LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology LTM4622 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTM4643
6
4643fb
For more information www.linear.com/LTM4643
PIN FUNCTIONS
VOUT1 (A1, A2, A3), VOUT2 (C1, D1, D2), VOUT3 (F1,
G1, G2), VOUT4 (J1, K1, K2): Power Output Pins of Each
Switching Mode Regulator Channel. Apply output load
between these pins and GND pins. Recommend placing
outputdecouplingcapacitancedirectlybetweenthesepins
and GND pins. See the Applications Information section
for paralleling outputs.
GND (A4-A5, B1-B2, C5, D3-D5, E1-E2, F5, G3-G5,
H1-H2, J5, K3-K4, L1-L2): Power Ground Pins for Both
Input and Output Returns. Use large PCB copper areas to
connect all GND together.
VIN1 (B3, B4), VIN2 (E3, E4), VIN3 (H3, H4), VIN4 (L3, L4):
Power input pins connect to the drain of the internal top
MOSFET for each switching mode regulator channel.
Apply input voltages between these pins and GND pins.
Recommendplacinginputdecouplingcapacitancedirectly
between each of VIN pins and GND pins.
PGOOD1, PGOOD2, PGOOD3, PGOOD4 (C3, C2, F2,
J2): Output Power Good with Open-Drain Logic of Each
Switching Mode Regulator Channel. PGOOD is pulled to
ground when the voltage on the FB pin is not within ±10%
of the internal 0.6V reference.
CLKOUT (J3): Output Clock Signal for PolyPhase® Opera-
tion of the Module. The phase of CLKOUT with respect to
CLKIN is set to 180°. CLKOUT’s peak-to-peak amplitude
is INTVCC to GND. See the Application Information section
for details. Strictly output; do not drive this pin.
INTVCC1, INTVCC2, INTVCC3, INTVCC4 (C4, F4, J4, K5):
Internal 3.3V Regulator Output of Each Switching Mode
Regulator Channel. The internal power drivers and con-
trol circuits are powered from this voltage. Each pin is
internally decoupled to GND with 1µF low ESR ceramic
capacitor already.
SVIN1, SVIN2, SVIN, SVIN4 (B5, E5, H5, L5): Signal VIN.
Filtered input voltage to the internal 3.3V regulator for
the control circuitry of each Switching mode Regulator
Channel. Tie this pin to the VIN pin respectively in most
applications. Connect SVIN to an external voltage supply
of at least 4V which must also be greater than VOUT.
TRACK/SS1, TRACK/SS2, TRACK/SS3, TRACK/SS4 (A6,
D6, G6, K6): Output Tracking and Soft-Start Pin of Each
Switching Mode Regulator Channel. Allows the user to
control the rise time of the output voltage. Putting a volt-
age below 0.6V on this pin bypasses the internal reference
input to the error amplifier, instead it servos the FB pin
to match the TRACK voltage. Above 0.6V, the tracking
function stops and the internal reference resumes control
of the error amplifier. There’s an internal 2.5µA pull-up
current from INTVCC on this pin, so putting a capacitor
here provides soft-start function.
MODE1, MODE2, MODE3, MODE4 (B6, E6, H6, L6):
Operation Mode Select for Each Switching Mode Regula-
tor Channel. Tie this pin to INTVCC to force continuous
synchronous operation at all output loads. Tying it to
SGND enables discontinuous current mode operation at
light loads. Do not leave floating.
RUN1, RUN2, RUN3, RUN4 (C6, F6, J6, K7): Run Control
Input of Each Switching Mode Regulator Channel. Enable
regulator operation by tying the specific RUN pin above
1.2V. Pulling it below 1.1V shuts down the respective
regulator channel. Do not leave floating.
FB1, FB2, FB3, FB4 (A7, D7, G7, J7): The Negative Input
of the Error Amplifier for Each Switching Mode Regulator
Channel. Internally, this pin is connected to VOUT of each
channel with a 60.4kΩ precision resistor. Different output
voltages can be programmed with an additional resistor
between the FB and GND pins. In PolyPhase operation,
tying the FB pins together allows for parallel operation.
See the Applications Information section for details.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com