Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4622
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4622 Datasheet HTML 24Page - Linear Technology LTM4622 Datasheet HTML 25Page - Linear Technology LTM4622 Datasheet HTML 26Page - Linear Technology LTM4622 Datasheet HTML 27Page - Linear Technology LTM4622 Datasheet HTML 28Page - Linear Technology LTM4622 Datasheet HTML 29Page - Linear Technology LTM4622 Datasheet HTML 30Page - Linear Technology LTM4622 Datasheet HTML 31Page - Linear Technology LTM4622 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTM4643
32
4643fb
For more information www.linear.com/LTM4643
LINEAR TECHNOLOGY CORPORATION 2016
LT 0617 REV B • PRINTED IN USA
www.linear.com/LTM4643
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PACKAGE PHOTOS
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTM4644
Higher Power, Quad
Quad 4A, Pin Compatible, 9mm × 15mm × 5.01mm BGA
LTM4623
Single, Ultrathin
3A, 6.25mm × 6.25mm × 1.8mm LGA and 6.25mm × 6.25mm × 2.42mm BGA
LTM4622
Dual, Ultrathin
Dual 2.5A or Single 5A, , 6.25mm × 6.25mm × 1.8mm LGA and 6.25mm ×
6.25mm × 2.42mm BGA
LTM4631
Higher Power, Dual, Ultrathin
Dual 10A or Single 20A, , 16mm × 16mm × 1.91mm LGA
DESIGN RESOURCES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com