Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4622
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 3 Page - Linear Technology

  LTM4622 Datasheet HTML 1Page - Linear Technology LTM4622 Datasheet HTML 2Page - Linear Technology LTM4622 Datasheet HTML 3Page - Linear Technology LTM4622 Datasheet HTML 4Page - Linear Technology LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM4643
3
4643fb
For more information www.linear.com/LTM4643
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, per the typical application.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Regulator Section: per Channel
VIN, SVIN
Input DC Voltage
SVIN = VIN
l
4
20
V
VOUT(RANGE)
Output Voltage Range
l
0.6
3.3
V
VOUT(DC)
Output Voltage, Total Variation
with Line and Load
CIN = 22µF, COUT = 100µF Ceramic, RFB = 40.2k,
MODE = INTVCC,VIN = 4V to 20V, IOUT = 0A to 3A (Note 4) l 1.477
1.50
1.523
V
VRUN
RUN Pin On Threshold
VRUN Rising
1.1
1.2
1.3
V
IQ(SVIN)
Input Supply Bias Current
VIN = 12V, VOUT = 1.5V, MODE = INTVCC
VIN = 12V, VOUT = 1.5V, MODE = GND
Shutdown, RUN = 0, VIN = 12V
6
2
11
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 3A
0.45
A
IOUT(DC)
Output Continuous Current Range VIN = 12V, VOUT = 1.5V (Note 4)
0
3
A
ΔVOUT (Line)/VOUT Line Regulation Accuracy
VOUT = 1.5V, VIN = 4V to 20V, IOUT = 0A
l
0.01
0.05
%/V
ΔVOUT (Load)/VOUT Load Regulation Accuracy
VOUT = 1.5V, IOUT = 0A to 3A
l
0.5
1.0
%
VOUT(AC)
Output Ripple Voltage
IOUT = 0A, COUT = 100µF Ceramic, VIN = 12V,
VOUT = 1.5V
5
mV
ΔVOUT(START)
Turn-On Overshoot
IOUT = 0A, COUT = 100µF Ceramic, VIN = 12V,
VOUT = 1.5V
30
mV
tSTART
Turn-On Time
COUT = 100µF Ceramic, No Load, TRACK/SS = 0.01µF,
VIN = 12V, VOUT = 1.5V
2.5
ms
ΔVOUTLS
Peak Deviation for Dynamic Load Load: 0% to 50% to 0% of Full Load, COUT = 47µF
Ceramic, VIN = 12V, VOUT = 1.5V
160
mV
tSETTLE
Settling Time for Dynamic Load
Step
Load: 0% to 50% to 0% of Full Load, COUT = 47µF
Ceramic, VIN = 12V, VOUT = 1.5V
40
µs
IOUTPK
Output Current Limit
VIN = 12V, VOUT = 1.5V
3.5
5
A
VFB
Voltage at FB Pin
IOUT = 0A, VOUT = 1.5V, –40°C to 125°C
l
0.593
0.60
0.607
V
IFB
Current at FB Pin
(Note 3)
±30
nA
RFBHI
Resistor Between VOUT and FB
Pins
60.05 60.40 60.75
kΩ
ITRACK/SS
Track Pin Soft-Start Pull-Up
Current
TRACK/SS = 0V
2.5
4
µA
VIN(UVLO)
VIN Undervoltage Lockout
VIN Falling
VIN Hysteresis
2.4
2.6
350
2.8
V
mV
tON(MIN)
Minimum On-Time
(Note 3)
40
ns
tOFF(MIN)
Minimum Off-Time
(Note 3)
70
ns
VPGOOD
PGOOD Trip Level
VFB With Respect to Set Output
VFB Ramping Negative
VFB Ramping Positive
–13
7
–10
10
–7
13
%
%
IPGOOD
PGOOD Leakage
2
µA
VPGL
PGOOD Voltage Low
IPGOOD = 1mA
0.02
0.1
V
VINTVCC
Internal VCC Voltage
SVIN = 4V to 20V
3.1
3.3
3.4
V
VINTVCC Load Reg INTVCC Load Regulation
ICC = 0mA to 20mA
0.5
%
fOSC
Oscillator Frequency
1.2
MHz
CLKIN
CLKIN Threshold
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com