Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4622
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 1 Page - Linear Technology

  LTM4622 Datasheet HTML 1Page - Linear Technology LTM4622 Datasheet HTML 2Page - Linear Technology LTM4622 Datasheet HTML 3Page - Linear Technology LTM4622 Datasheet HTML 4Page - Linear Technology LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM4643
1
4643fb
For more information www.linear.com/LTM4643
n
Quad Output Step-Down µModule® Regulator with
3A per Output
n
Wide Input Voltage Range: 4V to 20V
n
2.375V to 20V with External Bias
n
0.6V to 3.3V Output Voltage
n
3A DC Output Current Each Channel
n
±1.5% Total Output Voltage Regulation
n
Current Mode Control, Fast Transient Response
n
Parallelable for Higher Output Current
n
Output Voltage Tracking
n
Internal Temperature Sensing Diode Output
n
External Frequency Synchronization
n
Overvoltage, Current and Temperature Protection
n
9mm × 15mm × 1.82mm LGA and 9mm × 15mm ×
2.42mm BGA Packages
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Ultrathin Quad µModule
Regulator with Configurable
3A Output Array
The LTM®4643 is a quad DC/DC step-down µModule
(power module) regulator with 3A per output. Outputs can
be paralleled in an array for up to 12A capability. Included
in the package are the switching controllers, power FETs,
inductors and support components. Operating over an
input voltage range of 4V to 20V or 2.375V to 20V with
an external bias supply, the LTM4643 supports an output
voltage range of 0.6V to 3.3V each set by a single external
resistor. Its high efficiency design delivers 3A continuous
output current per channel. Only bulk input and output
capacitors are needed.
Fault protection features include overvoltage, overcurrent
and overtemperature protection. The LTM4643 is offered
in a 9mm ×15mm × 1.82mm LGA and 9mm × 15mm ×
2.42mm BGA packages with SnPb (BGA) or RoHS compli-
ant terminal finish.
Configurable Output Array*
3A
3A
3A
3A
6A
3A
3A
9A
3A
12A
* Note 4
1.5V Output Efficiency and
Power Loss (Each Channel)
APPLICATIONS
n
FPGAs, GPUs and ASICs Applications
n
PCIe and Backside PCB Mounting
4V to 20V Input, Quad 0.9V, 1V, 1.2V and
1.5V Output DC/DC µModule Regulator
L
, LT, LTC, LTM, Linear Technology, the Linear logo, µModule, LTpowerCAD and PolyPhase
are registered trademarks of Analog Devices, Inc. All other trademarks are the property of their
respective owners.
4643 TA01a
VIN1
SVIN1
RUN1
VIN2
SVIN2
RUN2
VIN3
SVIN3
RUN3
VIN4
SVIN4
RUN4
SGND
LTM4643
CLKIN
22µF
×2
25V
CLKOUT
TEMP
GND
VOUT1
FB1
PGOOD1
VOUT2
FB2
PGOOD2
VOUT3
FB3
PGOOD3
VOUT4
FB4
PGOOD4
47µF
4V
1.5V/3A
4V to 20V
40.2k
47µF
4V
1.2V/3A
60.4k
47µF
4V
1V/3A
90.9k
47µF
4V
0.9V/3A
121k
NOT ALL PINS
ARE SHOWN
LOAD CURRENT (A)
0
55
75
80
85
95
1
4643 TA01b
70
65
60
90
0.0
0.6
0.4
0.2
1.2
1.0
0.8
1.6
1.4
3
2
0.5
1.5
2.5
VIN = 5V
VIN = 12V


Similar Part No. - LTM4622

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4622 LINER-LTM4622 Datasheet
646Kb / 20P
15V, 4A Step-Up 關Module Regulator
logo
Analog Devices
LTM4622 AD-LTM4622 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM4622 AD-LTM4622 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
More results

Similar Description - LTM4622

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8001 LINER-LTM8001 Datasheet
469Kb / 28P
de36VIN, 5A 關Module Regulator with 5-Output Configurable LDO Array
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
Quad DC/DC Module Regulator with Configurable 4A Output Array
LTM8001 LINER-LTM8001_15 Datasheet
432Kb / 28P
36VIN, 5A Module Regulator with 5-Output Configurable LDO Array
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4643EV LINER-LTM4643EV Datasheet
954Kb / 8P
Quad DC/DC 關Module Regulator with Configurable 3A Output Array
LTM4644 LINER-LTM4644 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM4663 AD-LTM4663 Datasheet
2Mb / 24P
Ultrathin 1.5A 關Module Thermoelectric Cooler (TEC) Regulator
02/21-REV.A
LTM4671 AD-LTM4671 Datasheet
1Mb / 36P
Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
01/20-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com