Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4622
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology LTM4622 Datasheet HTML 10Page - Linear Technology LTM4622 Datasheet HTML 11Page - Linear Technology LTM4622 Datasheet HTML 12Page - Linear Technology LTM4622 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTM4643
9
4643fb
For more information www.linear.com/LTM4643
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 4V to 20V, VOUT = 1.5V)
IOUT = 3A
4.7
10
µF
COUT
External Output Capacitor Requirement
(VIN = 4V to 20V, VOUT = 1.5V)
IOUT = 3A
22
47
µF
DECOUPLING REQUIREMENTS
OPERATION
The LTM4643 is a quad output standalone non-isolated
switch mode DC/DC power supply in 9mm  ×  15mm
× 1.82mm ultrathin package. It has four separate regula-
tor channels with each of them capable of delivering up
to 3A continuous output current with few external input
and output capacitors. Each regulator provides precisely
regulated output voltage programmable from 0.6V to
3.3V via a single external resistor over 4V to 20V input
voltage range. With an external bias voltage, this module
can operate from an input voltage as low as 2.375V. The
typical application schematic is shown in Figure 29.
TheLTM4643integratesfourseparateconstantfrequency
controlled on-time valley current mode regulators, power
MOSFETs, inductors, and other supporting discrete com-
ponents. The typical switching frequency is set to 1.2MHz.
For switching noise-sensitive applications, the µModule
regulator can be externally synchronized to a clock from
850kHz to 1.5MHz. See the Applications Information
section.
With current mode control and internal feedback loop
compensation, the LTM4643 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides the flexibility of paralleling
any of the separate regulator channels with accurate cur-
rent sharing. With a built-in clock interleaving between
regulator channels, the LTM4643 can easily be configured
for 2+2, 3+1 or 4 channels parallel operation providing
more design flexibility for multirail POL applications. Fur-
thermore, the LTM4643 has CLKIN and CLKOUT pins for
frequencysynchronizationorpolyphasingmultipledevices
whichallowupto8phasescascadedtorunsimultaneously.
Current mode control also provides cycle-by-cycle fast
current monitoring. Foldback current limiting is provided
in an overcurrent condition to reduce the inductor valley
current to approximately 40% of the original value when
VFB drops. An internal overvoltage and undervoltage
comparators pull the open-drain PGOOD output low if
the output feedback voltage exits a ±10% window around
the regulation point. Continuous conduction mode (CCM)
operation is forced during OV and UV conditions except
during start-up when the TRACK pin is ramping up to 0.6V.
Pulling the RUN pin below 1.1V forces the controller into
its shutdown state, turning off both power MOSFETs and
most of the internal control circuitry. At light load cur-
rents, discontinuous conduction mode (DCM) operation
can be enabled to achieve higher efficiency compared to
continuous conduction mode (CCM) by setting the MODE
pin to SGND. The TRACK/SS pin is used for power supply
trackingandsoft-startprogramming.SeetheApplications
Information section.
Atemperaturediodeisincludedinsidethemoduletomoni-
tor the temperature of the module. See the Applications
Information section for details.
(per Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com