Electronic Components Datasheet Search
  English  ▼

X  

LTM4622 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4622
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4622 Datasheet(HTML) 5 Page - Linear Technology

  LTM4622 Datasheet HTML 1Page - Linear Technology LTM4622 Datasheet HTML 2Page - Linear Technology LTM4622 Datasheet HTML 3Page - Linear Technology LTM4622 Datasheet HTML 4Page - Linear Technology LTM4622 Datasheet HTML 5Page - Linear Technology LTM4622 Datasheet HTML 6Page - Linear Technology LTM4622 Datasheet HTML 7Page - Linear Technology LTM4622 Datasheet HTML 8Page - Linear Technology LTM4622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTM4643
5
4643fb
For more information www.linear.com/LTM4643
TYPICAL PERFORMANCE CHARACTERISTICS
1.8V Output Transient Response
2.5V Output Transient Response
3.3V Output Transient Response
Start-Up with No Load Applied
Start-Up with 3A Load Applied
Short-Circuit with No Load
Applied
VOUT
50mV/DIV
AC-COUPLED
LOAD STEP
1A/DIV
VIN = 12V
VOUT = 2.5V
OUTPUT CAPACITOR = 1 × 47µF CERAMIC CAP
LOAD STEP = 2A TO 3A WITH 1A/µS SLEW RATE
FEED FORWARD CAP = 100pF
20µs/DIV
4643 G08
VOUT
50mV/DIV
AC-COUPLED
LOAD STEP
1A/DIV
VIN = 12V
VOUT = 3.3V
OUTPUT CAPACITOR = 1 × 47µF CERAMIC CAP
LOAD STEP = 2A TO 3A WITH 1A/µS SLEW RATE
FEED FORWARD CAP = 100pF
20µs/DIV
4643 G09
IIN
0.5A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 1 × 22µF CERAMIC CAP
OUTPUT CAPACITOR = 1 × 47µF CERAMIC CAP
SOFT START = 0.1µF
5ms/DIV
4643 G10
IIN
0.5A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 1 × 22µF CERAMIC CAP
OUTPUT CAPACITOR = 1 × 47µF CERAMIC CAP
SOFT START = 0.1µF
5ms/DIV
4643 G11
IIN
0.5A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 1 × 22µF CERAMIC CAP
OUTPUT CAPACITOR = 1 × 47µF CERAMIC CAP
5ms/DIV
4643 G12
VIN = 12V
VOUT = 1.8V
OUTPUT CAPACITOR = 1 × 47µF CERAMIC CAP
LOAD STEP = 2A TO 3A WITH 1A/µS SLEW RATE
FEED FORWARD CAP = 100pF
20µs/DIV
4643 G07
VOUT
50mV/DIV
AC-COUPLED
LOAD STEP
1A/DIV
Short-Circuit with 3A Load
Applied
Short-Circuit with 3A Load
Applied
IIN
0.5A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 1 × 22µF CERAMIC CAP
OUTPUT CAPACITOR = 1 × 47µF CERAMIC CAP
20µs/DIV
4643 G13
IIN
0.5A/DIV
VOUT
0.5V/DIV
VIN = 12V
VOUT = 1.5V
INPUT CAPACITOR = 1 × 22µF CERAMIC CAP
OUTPUT CAPACITOR = 1 × 47µF CERAMIC CAP
20µs/DIV
4643 G14
Output Ripple
VOUT
5mV/DIV
AC-COUPLED
350kHz
BANDWIDTH
VIN = 12V
VOUT = 1.5V
OUTPUT CAPACITOR = 2 × 47µF CERAMIC CAP
2µs/DIV
4643 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com