Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 69 Page - Linear Technology

Part # LTM4675
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 69 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 65Page - Linear Technology LTM4675 Datasheet HTML 66Page - Linear Technology LTM4675 Datasheet HTML 67Page - Linear Technology LTM4675 Datasheet HTML 68Page - Linear Technology LTM4675 Datasheet HTML 69Page - Linear Technology LTM4675 Datasheet HTML 70Page - Linear Technology LTM4675 Datasheet HTML 71Page - Linear Technology LTM4675 Datasheet HTML 72Page - Linear Technology LTM4675 Datasheet HTML 73Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
LTM4676A
69
4676afa
For more information www.linear.com/LTM4676A
applicaTions inForMaTion
VOUTn
(V)
VINn
(V)
REF.
CIRCUIT*
COUTHn
(CERAMIC
OUTPUT
CAP)
COUTLn
(BULK
OUTPUT
CAP)
CONNECT
COMPna TO
COMPnb?
(INTERNAL LOOP
COMP)
RTHn
(EXT
LOOP
COMP)
(kΩ)
CTHn
(EXT
LOOP
COMP)
(nF)
fSW
(kHz)
FSWPHCFG
PIN-
STRAP,
RESISTOR
TO SGND
(Table 4)
(kΩ)
VOUTn CFG
PIN-
STRAP
RESISTOR
TO SGND
(Table 2)
(kΩ)
VTRIMnCFG
PIN-
STRAP,
RESISTOR
TO SGND
(Table 3)
(kΩ)
TRANS-
IENT
DROOP
(0A TO
6.5A)
(mV)
PK-PK
DEVI-
ATION
(0A TO
6.5A
TO 0A)
(mV)
RECOV-
ERY
TIME
(µs)
0.9
5 Test Ckt. 2 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
1.65
None
42
79
45
0.9
5 Test Ckt. 2 100µF × 3
330µF No. Use RTH, CTH 4.12
2.2
350
22.6
1.65
None
91
162
40
0.9
12 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
1.65
None
42
79
45
0.9
12 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.12
2.2
350
22.6
1.65
None
91
162
40
0.9
24 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
250
32.4
1.65
None
45
85
45
0.9
24 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.12
2.2
350
22.6
1.65
None
94
165
40
1
5 Test Ckt. 2 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
2.43
0
44
85
45
1
5 Test Ckt. 2 100µF × 3
330µF No. Use RTH, CTH 4.22
2.2
350
22.6
2.43
0
90
160
40
1
12 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
2.43
0
44
85
45
1
12 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.22
2.2
350
22.6
2.43
0
90
160
40
1
24 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
250
32.4
2.43
0
47
90
45
1
24 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.22
2.2
350
22.6
2.43
0
93
164
40
1.2
5 Test Ckt. 2 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
3.24
0
45
85
45
1.2
5 Test Ckt. 2 100µF × 3
330µF No. Use RTH, CTH 4.42
2.2
350
22.6
3.24
0
89
149
40
1.2
12 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
3.24
0
45
85
45
1.2
12 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.42
2.2
350
22.6
3.24
0
89
149
40
1.2
24 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
3.24
0
48
81
45
1.2
24 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.42
2.2
350
22.6
3.24
0
92
154
40
1.5
5 Test Ckt. 2 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
4.22
None
45
85
45
1.5
5 Test Ckt. 2 100µF × 3
330µF No. Use RTH, CTH 4.75
2.2
350
22.6
4.22
None
89
149
40
1.5
12 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
350
22.6
4.22
None
45
85
45
1.5
12 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.75
2.2
350
22.6
4.22
None
89
149
40
1.5
24 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
425
18.0
4.22
None
48
91
45
1.5
24 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.75
2.2
350
22.6
4.22
None
93
156
40
1.8
5 Test Ckt. 2 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
425
18.0
6.34
0
45
85
45
1.8
5 Test Ckt. 2 100µF × 3
330µF No. Use RTH, CTH 4.99
2.2
500
None
6.34
0
88
144
40
1.8
12 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
500
None
6.34
0
45
85
45
1.8
12 Test Ckt. 1 100µF × 3
330µF No. Use RTH, CTH 4.99
2.2
500
None
6.34
0
88
144
40
1.8
24 Test Ckt. 1 100µF × 7
None
Yes, cf. Fig. 69
N/A
N/A
500
None
6.34
0
48
92
45
Table 20. LTM4676 Channel Output Voltage Response vs Component Matrix. 6.5A Load-Stepping at 6.5A/µs. Typical Measured Values
COUTH VENDORS PART NUMBER
COUTL
VENDORS
PART NUMBER
AVX
12106D107MAT2A (100µF, 6.3V, 1210 Case Size)
Sanyo POSCAP 6TPF330M9L (330µF, 6.3V, 9mΩ ESR, D3L Case Size)
Murata
GRM32ER60J107ME20L (100µF, 6.3V, 1210 Case Size) Sanyo POSCAP 6TPD470M (470µF, 6.3V, 10mΩ ESR, D4D Case Size)
Taiyo Yuden
JMK325BJ107MM-T (100µF, 6.3V, 1210 Case Size)
Sanyo POSCAP 2R5TPE470M9 (470µF, 2.5V, 9mΩ ESR, D2E Case Size)
TDK
C3225X5R0J107MT (100µF, 6.3V, 1210 Case Size)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com