Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 76 Page - Linear Technology

Part # LTM4675
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 76 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 72Page - Linear Technology LTM4675 Datasheet HTML 73Page - Linear Technology LTM4675 Datasheet HTML 74Page - Linear Technology LTM4675 Datasheet HTML 75Page - Linear Technology LTM4675 Datasheet HTML 76Page - Linear Technology LTM4675 Datasheet HTML 77Page - Linear Technology LTM4675 Datasheet HTML 78Page - Linear Technology LTM4675 Datasheet HTML 79Page - Linear Technology LTM4675 Datasheet HTML 80Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
LTM4676A
76
4676afa
For more information www.linear.com/LTM4676A
Typical applicaTions
Figure 37. 13A, 1.2V and 2.5V Outputs Generated from 3.3V Power Input and Providing I2C/SMBus/PMBus Serial Interface
Figure 38. Output Voltage Margining, Figure 37 Circuit
VOUT1, 2.5V
ADJUSTABLE
UP TO 13A
CINH
22µF
×3
CINL
220µF
10k
×9
3.3VIN
NOMINAL
5V
LOW POWER BIAS
<100mA
PWM CLOCK SYNCH.
TIME BASE SYNCH.
• SLAVE ADDRESS = 1001111_R/W (0X4F)
• 350kHz SWITCHING FREQUENCY
• NO GUI CONFIGURATION AND
NO PART-SPECIFIC PROGRAMMING REQUIRED EXCEPT:
VIN_OFF < VIN_UV_WARN_LIMIT < VIN_ON < 4.5V
IN MULTI-MODULE SYSTEMS, CONFIGURING RAIL_ADDRESS
IS RECOMMENDED
COUT0
100µF
×7
COUT1
100µF
×7
VOUT0, 1.2V
ADJUSTABLE
UP TO 13A
VIN0
VIN1
SVIN
VDD33
LOAD0
SCL
SDA
ALERT
RUN0
RUN1
GPIO0
GPIO1
SYNC
SHARE_CLK
WP
22.6k
1%
±50ppm/°C
3.24k
1%
±50ppm/°C
LTM4676A
4676A F37
+
10.7k
1%
±50ppm/°C
SMBus INTERFACE WITH
PMBus COMMAND SET
ON/OFF CONTROL, FAULT
MANAGEMENT, POWER
SEQUENCING
LOAD1
VOUT0
TSNS0a
TSNS0b
ISNS0a+
ISNS0b+
ISNS0a–
ISNS0b–
VORB0+
VOSNS0+
VOSNS0–
VORB0–
VORB1
VOUT1
TSNS1a
TSNS1b
ISNS1a+
ISNS1b+
ISNS1a–
ISNS1b–
VOSNS1
SGND
(38a) PMBus Operation (Reg. 0x01): 0x80 → 0xA8 (Margin High)
(38c) PMBus Operation (Reg. 0x01): 0x80 → 0x98 (Margin Low)
(38b) PMBus Operation (Reg. 0x01): 0xA8 → 0x80 (Margin Off)
(38d) PMBus Operation (Reg. 0x01): 0x98 → 0x80 (Margin Off)
VOUT1
50mV/DIV
VOUT0
50mV/DIV
SCL
5V/DIV
SDA
5V/DIV
4ms/DIV
4676A F38b
VOUT1
50mV/DIV
VOUT0
50mV/DIV
SCL
5V/DIV
SDA
5V/DIV
4ms/DIV
4676A F38d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com