Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4675
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 20Page - Linear Technology LTM4675 Datasheet HTML 21Page - Linear Technology LTM4675 Datasheet HTML 22Page - Linear Technology LTM4675 Datasheet HTML 23Page - Linear Technology LTM4675 Datasheet HTML 24Page - Linear Technology LTM4675 Datasheet HTML 25Page - Linear Technology LTM4675 Datasheet HTML 26Page - Linear Technology LTM4675 Datasheet HTML 27Page - Linear Technology LTM4675 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 136 page
background image
LTM4676A
24
4676afa
For more information www.linear.com/LTM4676A
operaTion
Also Enabling In-Situ Changes to the LTM4676A’s
Configuration in Embedded Designs.
n
Monitoring and Reporting of Telemetry Data: Average
Output and Input Currents and Voltages, Internal Tem-
peratures,andPowerStageDutyCycles—Continuously
Digitized Cyclically by a 16-Bit ADC.
• Peak Observed Output Current and Voltage, Input
Voltage, and Module Temperatures Can Be Polled
and Cleared/Reset.
• ADC Latency Not Greater than 90ms, Nominal.
• OptiontoMonitorOneExternalTemperatureinLieuof
Channel1(VOUT1)ModulePowerStageTemperature.
n
Monitoring, Reporting, and Configurable Response
to Latching and Non-Latching Individual Fault and/or
Warning Status, Including but Not Limited to:
• Output Over/Undervoltages.
• Input (SVIN) Over/Undervoltages.
• Module Input and Power Stage Output Overcurrents.
• Module Power Stage Over/Undertemperatures.
• Internal Control IC Overtemperature.
• Communication, Memory and Logic (CML) Faults.
n
Fault Logging Upon Detection of a Fault Condition. The
LTM4676ACanBeConfiguredtoAutomaticallyUploada
Fault Log to Its NVM, Consisting of: an Uptime Counter,
Peak Observed Telemetry, Telemetry Gathered from the
Six Most Recent Rounds of Cyclical ADC Data Leading
Up to the Detection of the Fault That Triggered Fault Log
Writing, and Fault Status Associated with That ADC
History.
n
Two Configurable Open-Drain General Purpose Input/
Output Pins (GPIO0, GPIO1), Which Can Be Used for:
• Fault Reporting, e.g., as a System Interrupt Signal.
• Coordinating Turn-On/Off of the LTM4676A in Mul-
tiphase/Multirail Systems.
• PropagatinganUnfilteredPowerGoodSignal(Output
of a VOUTn Undervoltage Comparator) to Command
Turn-On/Off of a Downstream Rail.
n
A Write Protect (WP) Pin and Configurable WRITE_
PROTECTRegistertoProtecttheInternalConfiguration
of RAM and NVM Against Unintended Changes via I2C.
n
Time-Base Interconnect (SHARE_CLK, 100kHz Heart-
beat) for Synchronization in the Time Domain Between
Multiple LTM4676As.
n
Optional External Configuration Resistors (RCONFIGs)
for Setting Start-Up Output Voltages, Switching Fre-
quency and Channel-to-Channel Phase Interleaving
Angle.
n
Any 7-Bit Slave Address Can Be Assigned to the
LTM4676A (0x4F Default), Configured by Resistor Pin
Strapping the ASEL Pin and User-Editable Bits [7:4] of
MFR_ADDRESS.
POWER MODULE CONFIGURABILITY AND
READBACK DATA
Thissectionofthedatasheetdescribesalltheconfigurable
features and readable data of the LTM4676A accessible
via I2C. The relevant command code name(s) are indi-
cated by use of all capital letters, e.g., “VIN_ON”. Refer
to Table 1 and Appendix C: PMBus Command Details of
this data sheet for details of the command code, payload
size, data format and factory-default value. Specific reg-
ister bits of some registers are indicated with the use of
brackets, i.e., “[” and “]”. The least significant bit (LSB) of
a register is bit number zero, indicated by “[0]”. The most
significant bit of a byte-long (8-bit-long) register is bit
number seven, indicated by “[7]”. The most significant bit
(MSB) of a word-long (16-bit-long) register is bit number
fifteen, indicated by “[15]”. Multiple bits of a register can
be alluded to with the use of a colon, e.g., bits 2, 1 and
0 of the MFR_PWM_CONFIG register are indicated by
“MFR_PWM_CONFIG[2:0]”. Bits can take on values of 0b
or 1b. The subscripted “b” suffix indicates the number’s
value is in binary. Values in hexadecimal are indicated with
a “0x” prefix. For example, decimal value “89” is indicated
by 0x59 and 01011001b (8-bit-long values), as well as
0x0059 and 0000000001011001b (16-bit-long values).
One further shorthand notion the reader will notice is the
italicized “n” or “n”. “n” can take on a value of 0 or 1—and
provides an easy way to refer to registers which are paged



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com