Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 35 Page - Linear Technology

Part # LTM4675
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 31Page - Linear Technology LTM4675 Datasheet HTML 32Page - Linear Technology LTM4675 Datasheet HTML 33Page - Linear Technology LTM4675 Datasheet HTML 34Page - Linear Technology LTM4675 Datasheet HTML 35Page - Linear Technology LTM4675 Datasheet HTML 36Page - Linear Technology LTM4675 Datasheet HTML 37Page - Linear Technology LTM4675 Datasheet HTML 38Page - Linear Technology LTM4675 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 136 page
background image
LTM4676A
35
4676afa
For more information www.linear.com/LTM4676A
operaTion
SERIAL INTERFACE
TheLTM4676AserialinterfaceisaPMBuscompliantslave
device and can operate at any frequency between 10kHz
and 400kHz. The address is configurable using either
the EEPROM or an external resistor divider. In addition
the LTM4676A always responds to the global broadcast
address of 0x5A (7 bit) or 0x5B (7 bit). Address 0x5A
is not paged and is performed on both channels. 0x5B
respects the page command. Because address 0x5A
does not support page, it can not be used for any paged
reading commands.
The serial interface supports the following protocols
defined in the PMBus specifications: 1) send command,
2) write byte, 3) write word, 4) group, 5) read byte, 6)
read word and 7) read block 8) PAGE_PLUS_READ,
9) PAGE_PLUS_WRITE 10) SMBALERT_MASK read,
11) SMBALERT_MASK write. All read operations will
return a valid PEC if the PMBus master requests it. If the
PEC_REQUIRED bit is set in the MFR_CONFIG_ALL com-
mand, the PMBus write operations will not be acted upon
until a valid PEC has been received by the LTM4676A.
Communication Protection
PEC write errors (if PEC_REQUIRED is active), attempts
to access unsupported commands, or writing invalid data
to supported commands will result in a CML fault. The
CML bit is set in the STATUS_BYTE and STATUS_WORD
commands, the appropriate bit is set in the STATUS_CML
command, and the ALERT pin is pulled low.
DEVICE ADDRESSING
The LTM4676A offers four different types of addressing
overthePMBusinterface,specifically:1)global,2)device,
3) rail addressing and 4) alert response address (ARA).
GlobaladdressingprovidesameansofthePMBusmasterto
address all LTM4676A devices on the bus. The LTM4676A
global address is fixed 0x5A (7 bit) or 0xB4 (8 bit) and can-
not be disabled. Commands sent to the global address act
the same as if PAGE is set to a value of 0xFF. Commands
sent are written to both channels simultaneously. Global
command 0x5B (7 bit) or 0xB6 (8 bit) is paged and allows
channelspecificcommandofallLTM4676Adevicesonthe
bus. Other LTC device types may respond at one or both of
these global addresses; therefore do not read from global
addresses.
Rail addressing provides a means for the bus master
to simultaneously communicate with all channels con-
nected together to produce a single output voltage
(PolyPhase®). While similar to global addressing, the
rail address can be dynamically assigned with the paged
MFR_RAIL_ADDRESS command, allowing for any logical
grouping of channels that might be required for reliable
system control. Do not read from rail addresses because
multiple LTC devices may respond.
Device addressing provides the standard means of the
PMBus master communicating with a single instance
of an LTM4676A. The value of the device address is set
by a combination of the ASEL configuration pin and the
MFR_ADDRESS command. When this addressing means
is used, the PAGE command determines the channel being
acted upon. Device addressing can be disabled by writing
a value of 0x80 to the MFR_ADDRESS.
All four means of PMBus addressing require the user to
employdisciplinedplanningtoavoidaddressingconflicts.
Communication to LTM4676A devices at global and rail
addressesshouldbelimitedtocommandwriteoperations.
FAULT DETECTION AND HANDLING
A variety of fault and warning reporting and handling
mechanisms are available. Fault and warning detection
capabilities include:
n
Input OV/FAULT Protection and UV Warning
n
Average Input OC Warn
n
Output OV/UV Fault and Warn Protection
n
Output OC Fault and Warn Protection
n
Internal and External Overtemperature Fault and Warn
Protection
n
External Undertemperature Fault Protection
n
CML Fault (Communication, Memory or Logic)
n
External Fault Detection via the Bidirectional GPIOn
Pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com