Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 46 Page - Linear Technology

Part # LTM4675
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 46 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 42Page - Linear Technology LTM4675 Datasheet HTML 43Page - Linear Technology LTM4675 Datasheet HTML 44Page - Linear Technology LTM4675 Datasheet HTML 45Page - Linear Technology LTM4675 Datasheet HTML 46Page - Linear Technology LTM4675 Datasheet HTML 47Page - Linear Technology LTM4675 Datasheet HTML 48Page - Linear Technology LTM4675 Datasheet HTML 49Page - Linear Technology LTM4675 Datasheet HTML 50Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 136 page
background image
LTM4676A
46
4676afa
For more information www.linear.com/LTM4676A
pMbus coMManD suMMary
Table 1. Summary of Supported Commands and Feature Differences Between the LTM4676A and the LTM4676 (Items of Greatest
Significance Indicated by Gray-Shaded Cells; Common Commands, Values and Attributes Indicated by Non-Shaded, Merged Cells)
PMBus COMMAND
NAME, OR FEATURE
CMD CODE
(REGISTER)
COMMAND OR FEATURE
DESCRIPTION
LTM4676A NVM FACTORY-DEFAULT
VALUE AND/OR ATTRIBUTES
LTM4676 NVM FACTORY-DEFAULT
VALUE AND/OR ATTRIBUTES
PAGE
MFR_RESTART_
DELAYn
0xDC
Minimum interval (nominal) the
RUNn pin is pulled logic low by
internal circuitry.
0xFA58 (300ms), read/write, paged,
stored in user-editable NVM.
0xF258 (150ms), read/write, paged,
stored in user-editable NVM.
103
MFR_VOUT_PEAKn
0xDD
Maximum measured value of
READ_VOUTn since the last
MFR_CLEAR_PEAKS.
No difference: default value not applicable, read-only, paged, not stored in
NVM.
123
MFR_VIN_PEAK
0xDE
Maximum measured value of
READ_VIN since the last MFR_
CLEAR_PEAKS.
No difference: default value not applicable, read-only, non-paged, not
stored in NVM.
123
MFR_
TEMPERATURE_1_
PEAKn
0xDF
Maximum value of TSNSna
measured temperature since the
last MFR_CLEAR_PEAKS.
No difference: default value not applicable, read-only, paged, not stored in
NVM.
123
MFR_CLEAR_
PEAKS
0xE3
Clears all peak values.
No difference: default value not applicable, send byte only, non-paged, not
stored in NVM.
114
MFR_PADS
0xE5
Digital status of the I/O pads.
No difference: default value not applicable, read-only, non-paged, not
stored in NVM.
119
MFR_ADDRESS
0xE6
LTM4676A's I2C slave address,
right-justified.
0x4F, read/write, non-paged, stored
in user-editable NVM. Bits[6:4]
represent the user-configurable
upper 3 bits of the 7-bit slave
address of the device. Bits[3:0] are
dictated by the ASEL resistor pin-
strap setting. Setting this command
to 0x80 disables device-specific
addressing.
0x4F, read-only, non-paged,
stored in factory-only NVM. Least
significant four bits augmented by
ASEL resistor pin-strap. Cannot
take on value 0x80; device-specific
addressing cannot be disabled.
88
MFR_SPECIAL_ID
0xE7
Manufacturer code representing IC
silicon and revision
0x47EX, read-only, non-paged.
0x440X or 0x448X, read-only, non-
paged.
113
MFR_IIN_OFFSETn
0xE9
Coefficient used in calculations of
READ_IIN and MFR_READ_IINn,
representing the contribution of
input current drawn by the control
IC, including the MOSFET drivers.
No difference: 0x8BE7 (0.0305A), read/write, paged, stored in user-editable
NVM.
97
MFR_FAULT_LOG_
STORE
0xEA
Commands a transfer of the fault
log from RAM to EEPROM. This
causes the part to behave as if a
channel has faulted off.
No difference: default value not applicable, send byte only, non-paged, not
stored in NVM.
127
MFR_FAULT_LOG_
CLEAR
0xEC
Initialize the EEPROM block
reserved for fault logging and
clear any previous fault logging
locks.
No difference: default value not applicable, send byte only, non-paged, not
stored in NVM.
127
MFR_READ_IINn
0xED
Calculated input current, by
channel.
No difference: default value not applicable, read-only, paged, not stored in
NVM.
122
MFR_FAULT_LOG
0xEE
Fault log data bytes. This
sequentially retrieved data is used
to assemble a complete fault log.
No difference: default value not applicable, read-only, non-paged, stored in
fault-log NVM.
127
MFR_COMMON
0xEF
Manufacturer status bits that are
common across multiple LTC ICs/
modules.
No difference: default value not applicable, read-only, non-paged, not
stored in NVM.
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com