Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT8390
6
8390fa
For more information www.linear.com/LT8390
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
(Buck Region)
Efficiency vs Load Current
(Buck-Boost Region)
Efficiency vs Load Current
(Boost Region)
TA = 25°C, unless otherwise noted.
Switching Waveforms
(Buck Region)
Switching Waveforms
(Buck-Boost Region)
Switching Waveforms
(Boost Region)
VOUT vs IOUT (CV/CC)
VIN Shutdown Current
VIN Quiescent Current
FRONT PAGE APPLICATION
VIN = 24V, VOUT = 12V, fSW = 400kHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
40
50
60
70
80
90
100
8390 G01
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 12V, fSW = 400kHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
40
50
60
70
80
90
100
8390 G02
FRONT PAGE APPLICATION
VIN = 5V, VOUT = 12V, fSW = 400kHz
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
40
50
60
70
80
90
100
8390 G03
1µs/DIV
FRONT PAGE APPLICATION
VIN = 18V, IOUT = 3A
VSW1
10V/DIV
VSW2
10V/DIV
IL
2A/DIV
VOUT
500mV/DIV
8390 G04
1µs/DIV
FRONT PAGE APPLICATION
VIN = 12V, IOUT = 3A
VSW1
10V/DIV
VSW2
10V/DIV
IL
2A/DIV
VOUT
500mV/DIV
8390 G05
1µs/DIV
FRONT PAGE APPLICATION
VIN = 8V, IOUT = 3A
VSW1
10V/DIV
VSW2
10V/DIV
IL
2A/DIV
VOUT
500mV/DIV
8390 G06
LOAD CURRENT (A)
0
1
2
3
4
5
6
0
2
4
6
8
10
12
14
8390 G07
TEMPERATURE (°C)
–50
0.0
2.5
2.0
1.5
1.0
0.5
3.0
125
100
150
–25
0
25
8390 G08
75
50
VIN = 60V
VIN = 12V
VIN = 4V
TEMPERATURE (°C)
–50
1.8
2.6
2.4
2.2
2.0
2.8
125
100
150
–25
0
25
8390 G09
75
50
VIN = 60V
VIN = 12V
VIN = 4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com