Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 5 Page - Linear Technology

  LT8705 Datasheet HTML 1Page - Linear Technology LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT8390
5
8390fa
For more information www.linear.com/LT8390
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SS Fault Latch-Off Threshold
1.7
V
SS Fault Reset Threshold
0.2
V
Oscillator
RT Pin Voltage
RT = 100kΩ
1.00
V
Switching Frequency
VSYNC/SPRD = 0V, RT = 226kΩ
VSYNC/SPRD = 0V, RT = 100kΩ
VSYNC/SPRD = 0V, RT = 59.0kΩ
l
l
l
190
380
570
200
400
600
210
420
630
kHz
kHz
kHz
SYNC Frequency
150
650
kHz
SYNC/SPRD Input Bias Current
VSYNC/SPRD = 5V
–0.1
0
0.1
µA
SYNC/SPRD Threshold Voltage
0.4
1.5
V
Highest Spread Spectrum Above Oscillator Frequency
VSYNC/SPRD = 5V
12.5
14.5
16.5
%
Lowest Spread Spectrum Below Oscillator Frequency
VSYNC/SPRD = 5V
–17.7
–15.7
–13.7
%
Region Transition
Buck-Boost to Boost (VIN/VOUT)
0.73
0.75
0.77
Boost to Buck-Boost (VIN/VOUT)
0.83
0.85
0.87
Buck to Buck-Boost (VIN/VOUT)
1.16
1.18
1.20
Buck-Boost to Buck (VIN/VOUT)
1.31
1.33
1.35
Peak-Buck to Peak-Boost (VIN/VOUT)
0.96
0.98
1.00
Peak-Boost to Peak-Buck (VIN/VOUT)
1.00
1.02
1.04
NMOS Drivers
TG1, TG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
V(BST-SW) = 5V
2.6
1.4
Ω
Ω
BG1, BG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
VINTVCC = 5V
3.2
1.2
Ω
Ω
TG1, TG2 Rise Time
TG1, TG2 Fall Time
CL = 3.3nF, 10% to 90%
CL = 3.3nF, 90% to 10%
25
20
ns
ns
BG1, BG2 Rise Time
BG1, BG2 Fall Time
CL = 3.3nF, 10% to 90%
CL = 3.3nF, 90% to 10%
25
20
ns
ns
TG Off to BG On Delay
CL = 3.3nF
60
ns
BG Off to TG On Delay
CL = 3.3nF
60
ns
TG1 Minimum Duty Cycle in Buck Region
Peak-Buck Current Mode
10
%
TG1 Maximum Duty Cycle in Buck Region
Peak-Buck Current Mode
95
%
TG1 Fixed Duty Cycle in Buck-Boost Region
Peak-Boost Current Mode
85
%
BG2 Fixed Duty Cycle in Buck-Boost Region
Peak-Buck Current Mode
15
%
BG2 Minimum Duty Cycle in Boost Region
Peak-Boost Current Mode
10
%
BG2 Maximum Duty Cycle in Boost Region
Peak-Boost Current Mode
95
%
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8390E is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT8390I is guaranteed over the –40°C to 125°C operating junction
temperature range. The LT8390H is guaranteed over the –40°C to 150°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
greater than 125°C.
Note 3: The LT8390 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com