Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 3 Page - Linear Technology

  LT8705 Datasheet HTML 1Page - Linear Technology LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT8390
3
8390fa
For more information www.linear.com/LT8390
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
VIN Operating Voltage Range
l
4
60
V
VIN Quiescent Current
VEN/UVLO = 0.3V
VEN/UVLO = 1.1V
Not Switching
1
270
2.1
2
2.8
µA
µA
mA
VOUT Voltage Range
l
0
60
V
VOUT Quiescent Current
VEN/UVLO = 0.3V, VOUT = 12V
VEN/UVLO = 1.1V, VOUT = 12V
Not Switching, VOUT = 12V
20
0.1
0.1
40
0.5
0.5
60
µA
µA
µA
Linear Regulators
INTVCC Regulation Voltage
IINTVCC = 20mA
4.85
5.0
5.15
V
INTVCC Load Regulation
IINTVCC = 0mA to 80mA
1
4
%
INTVCC Line Regulation
IINTVCC = 20mA, VIN = 6V to 60V
1
4
%
INTVCC Current Limit
VINTVCC = 4.5V
80
110
160
mA
INTVCC Dropout Voltage (VIN – INTVCC)
IINTVCC = 20mA, VIN = 4V
160
mV
INTVCC Undervoltage Lockout Threshold
Falling
3.44
3.54
3.64
V
INTVCC Undervoltage Lockout Hysteresis
0.24
V
VREF Regulation Voltage
IVREF = 100µA
l
1.97
2.00
2.03
V
VREF Load Regulation
IVREF = 0mA to 1mA
0.4
1
%
VREF Line Regulation
IVREF = 100µA, VIN = 4V to 60V
0.1
0.2
%
VREF Current Limit
VREF = 1.8V
2
2.5
3.2
mA
VREF Undervoltage Lockout Threshold
Falling
1.78
1.84
1.90
V
VREF Undervoltage Lockout Hysteresis
50
mV
Control Inputs/Outputs
EN/UVLO Shutdown Threshold
l
0.3
0.6
1.0
V
EN/UVLO Enable Threshold
Falling
l
1.196
1.220
1.244
V
EN/UVLO Enable Hysteresis
13
mV
EN/UVLO Hysteresis Current
VEN/UVLO = 0.3V
VEN/UVLO = 1.1V
VEN/UVLO = 1.3V
–0.1
2.2
–0.1
0
2.5
0
0.1
2.8
0.1
µA
µA
µA
CTRL Input Bias Current
VCTRL = 0.75V, Current Out of Pin
0
20
50
nA
CTRL Latch-Off Threshold
Falling
l
285
300
315
mV
CTRL Latch-Off Hysteresis
25
mV
Load Switch Driver
LOADEN Threshold
Rising
l
1.3
1.4
1.5
V
LOADEN Hysteresis
220
mV
Minimum VOUT for LOADTG to be On
VLOADEN = 5V
2.4
3
V
LOADTG On Voltage V(VOUT-LOADTG)
VOUT = 12V
4.6
5
5.4
V
LOADTG Off Voltage V(VOUT-LOADTG)
VOUT = 12V
–0.1
0
0.1
V
LOADEN to LOADTG Turn On Propagation Delay
LOADEN to LOADTG Turn Off Propagation Delay
CLOADTG = 3.3nF to VOUT, 50% to 50%
CLOADTG = 3.3nF to VOUT, 50% to 50%
90
40
ns
ns
LOADTG Turn On Fall Time
LOADTG Turn Off Rise Time
CLOADTG = 3.3nF to VOUT, 10% to 90%
CLOADTG = 3.3nF to VOUT, 90% to 10%
300
10
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com