Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology LT8705 Datasheet HTML 17Page - Linear Technology LT8705 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT8390
14
8390fa
For more information www.linear.com/LT8390
OPERATION
(1) Peak-Buck in Buck Region (VIN >> VOUT)
When VIN is much higher than VOUT, the LT8390 uses
peak-buck current mode control in buck region (Figure
4). Switch C is always off and switch D is always on. At
the beginning of every cycle, switch A is turned on and
the inductor current ramps up. When the inductor cur-
rent hits the peak buck current threshold commanded by
VC voltage at buck current comparator A3 during (A+D)
phase, switch A is turned off and switch B is turned on
for the rest of the cycle. Switches A and B will alternate,
behaving like a typical synchronous buck regulator.
Figure 4. Peak-Buck in Buck Region (VIN >> VOUT)
Figure 5. Peak-Buck in Buck-Boost Region (VIN ~> VOUT)
100% OFF
100% ON
A
B
C
D
IL
A+D
A+D
B+D
B+D
8390 F04
(2) Peak-Buck in Buck-Boost Region (VIN ~> VOUT)
When VIN is slightly higher than VOUT, the LT8390 uses
peak-buck current mode control in buck-boost region
(Figure 5). Switch C is always turned on for the beginning
15%cycleandswitchDisalwaysturnedonfortheremain-
ing 85% cycle. At the beginning of every cycle, switches
A and C are turned on and the inductor current ramps
up. After 15% cycle, switch C is turned off and switch D
is turned on, and the inductor keeps ramping up. When
the inductor current hits the peak buck current threshold
commanded by VC voltage at buck current comparator A3
during (A+D) phase, switch A is turned off and switch B
is turned on for the rest of the cycle.
A
B
C
15%
85%
85%
15%
D
IL
A+D
A+C
B+D
A+D
A+C
B+D
8390 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com